Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4401 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBT4401
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT4401 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBT4401 Datasheet HTML 1Page - Micro Commercial Components MMBT4401 Datasheet HTML 2Page - Micro Commercial Components MMBT4401 Datasheet HTML 3Page - Micro Commercial Components MMBT4401 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBT4401
NPN General
Purpose Amplifier
SOT-23
Suggested Solder
Pad Layout
Features
Surface Mount SOT-23 Package
Capable of 350mWatts of Power Dissipation
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1.0mAdc, IB=0)
40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10mAdc, IE=0)
60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=0.1mAdc, IC=0)
6.0
Vdc
IBL
Base Cutoff Current
(VCE=35Vdc, VBE=0.4Vdc)
0.1
µAdc
ICEX
Collector Cutoff Current
(VCE=35Vdc, VBE=0.4Vdc)
0.1
µAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=0.1mAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=150mAdc, VCE=1.0Vdc)
(IC=500mAdc, VCE=1.0Vdc)
20
40
80
100
300
40
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.4
0.75
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.75
0.95
1.2
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=20mAdc, VCE=10Vdc, f=100MHz)
250
MHz
Ccb
Collector-Base Capacitance
(VCB=5.0Vdc, IE=0, f=1.0MHz)
6.5
pF
Ceb
Emitter-Base Capacitance
(VBE=0.5Vdc, IC=0, f=1.0MHz)
30.0
pF
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=30Vdc, VBE=0.2Vdc
15
ns
tr
Rise Time
IC=150mAdc, IB1=15mAdc)
20
ns
ts
Storage Time
(VCC=30Vdc, IC=150mAdc
225
ns
tf
Fall Time
IB1=IB2=15mAdc)
30
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
B
C
D
E
F
G
H
J
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 6
2008/01/01
TM
Micro Commercial Components
Operating and Storage Junction Temperatures: -55
to 150
IC=600mA
K
E
B
C
Marking:2X/M4A
www.mccsemi.com
1 of 4
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1


Similar Part No. - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT4401 DIOTEC-MMBT4401 Datasheet
143Kb / 2P
   SMD General Purpose NPN Transistors
logo
Transys Electronics
MMBT4401 TRSYS-MMBT4401 Datasheet
195Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Fairchild Semiconductor
MMBT4401 FAIRCHILD-MMBT4401 Datasheet
93Kb / 7P
   NPN General Pupose Amplifier
logo
Shanghai Leiditech Elec...
MMBT4401 LEIDITECH-MMBT4401 Datasheet
1,018Kb / 5P
   We declare that the material of product compliant with RoHS requirements and Halogen Free.
logo
KODENSHI_AUK CORP.
MMBT4401 KODENSHI-MMBT4401 Datasheet
276Kb / 6P
   General purpose application
More results

Similar Description - MMBT4401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com