Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR05F40NXT5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSR05F40NXT5G
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR05F40NXT5G Datasheet(HTML) 3 Page - ON Semiconductor

  NSR05F40NXT5G Datasheet HTML 1Page - ON Semiconductor NSR05F40NXT5G Datasheet HTML 2Page - ON Semiconductor NSR05F40NXT5G Datasheet HTML 3Page - ON Semiconductor NSR05F40NXT5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NSR05F40NXT5G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Forward Voltage
Figure 2. Leakage Current
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
0.60
0.40
0.30
0.10
0
0.01
0.1
1
0.001
20
15
10
5
0
0.20
150°C
125°C
−25°C
75°C 25°C
150°C
125°C
−25°C
75°C
25°C
10000
0.01
0.1
1
10
100
0.001
1000
30
Figure 3. Total Capacitance
VR, REVERSE VOLTAGE (V)
30
20
15
10
5
0
0
20
40
60
80
100
120
TA = 25°C
100000
25
25
0.50
40
35
40
35


Similar Part No. - NSR05F40NXT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR05F40NXT5G ONSEMI-NSR05F40NXT5G Datasheet
52Kb / 4P
   Schottky Barrier Diode
September, 2014 ??Rev. 6
NSR05F40NXT5G ONSEMI-NSR05F40NXT5G_14 Datasheet
52Kb / 4P
   Schottky Barrier Diode
September, 2014 ??Rev. 6
More results

Similar Description - NSR05F40NXT5G

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com