Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA56-TP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBTA56-TP
Description  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA56-TP Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBTA56-TP Datasheet HTML 1Page - Micro Commercial Components MMBTA56-TP Datasheet HTML 2Page - Micro Commercial Components MMBTA56-TP Datasheet HTML 3Page - Micro Commercial Components MMBTA56-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Figure 2. Current–Gain — Bandwidth Product
Figure 3. Capacitance
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
-100
-200
-10
200
100
70
50
20
VR, REVERSE VOLTAGE (VOLTS)
-1.0
-100
-0.1
100
70
50
30
20
10
-2.0
VCE = -2.0 V
TJ = 25°C
-2.0 -3.0 -5.0 -7.0
-20 -30
-50 -70
30
7.0
5.0
-0.2
-0.5
-5.0 -10 -20
-50
TJ = 25°C
Cibo
Cobo
IC, COLLECTOR CURRENT (mA)
-10
-5.0
500
200
100
50
20
10
-100
-50
-200
-500
1.0 k
300
700
70
30
-7.0
-300
-70
-20 -30
VCC = -40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td @ VBE(off) = -0.5 V
Figure 5. DC Current Gain
-2.0
-500
-0.5
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
-10
TJ = 125°C
-1.0
-5.0
VCE = -1.0 V
-20
-100
-50
-200
25°C
-55°C
MCC
MMBTA55 thru MMBTA56
Revision: 5
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - MMBTA56-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA56-7 DIODES-MMBTA56-7 Datasheet
47Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
MMBTA56-7-F DIODES-MMBTA56-7-F Datasheet
80Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 9 - 2
MMBTA56-7-F DIODES-MMBTA56-7-F Datasheet
108Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 11 - 2
MMBTA56-7-F DIODES-MMBTA56-7-F Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
logo
Unisonic Technologies
MMBTA56-AE3-R UTC-MMBTA56-AE3-R Datasheet
116Kb / 5P
   AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
More results

Similar Description - MMBTA56-TP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com