Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALMD-EL3D-VX002 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-EL3D-VX002
Description  High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-EL3D-VX002 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALMD-EL3D-VX002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-EL3D-VX002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-EL3D-VX002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-EL3D-VX002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-EL3D-VX002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-EL3D-VX002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-EL3D-VX002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALMD-EL3D-VX002 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALMD-EL3D-VX002 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2010 Avago Technologies. All rights reserved.
AV02-2372EN - March 22, 2010
DISCLAIMER: Avago’s products and software are not specifically designed, manufactured or authorized for
sale as parts, components or assemblies for the planning, construction, maintenenace or direct operation of a
nuclear facility or for use in medical devices or applications. Customer is solely responsible, and waives all rights to
make claims against avago or its suppliers, for all loss, damage, expense or liability in connection with such use.
Moisture Sensitivity and Handling
The ALMD-xx3D series oval package has a Moisture
Sensitive Level 2a rating per JEDEC J-STD-020. Refer to
Avago Application Note AN5305, Handling of Moisture
Sensitive Surface Mount Devices, for additional details
and a review of proper handling procedures.
A. Storage before use
x An unopened moisture barrier bag (MBB) can be
stored at < 40° C/90% RH for 12 months. If the actual
shelf life has exceeded 12 months and the humidity
indicator card (HIC) indicates that baking is not
required then it is safe to reflow solder the LEDs per
the original MSL rating.
x It is recommended that the MBB not be opened
prior to assembly (e.g. for IQC).
B. Control after opening the MBB
x The humidity indicator card (HIC) shall be read
immediately upon opening of the MBB.
x The LEDs must be kept at < 30° C/60% RH at all
times, and all high temperature related processes
including soldering, curing or rework need to be
completed within 672 hours.
C. Control for unfinished tape and reel parts
x Unused LEDs must be stored in a sealed MBB with a
desiccant or desiccator at < 5% RH.
D. Control of assembled boards
x If the PCB soldered with the LEDs is to be subjected
to other high temperature processes, the PCB needs
to be stored in a sealed MBB with desiccant or
desiccator at < 5% RH to ensure that all LEDs have
not exceeded their floor life of 672 hours
E. Baking is required if:
x The HIC indicator is not BROWN at 10% and is AZURE
at 5%
x The LEDs are exposed to a condition of > 30° C/60%
RH at any time.
x The LED floor life exceeded 672 hours.
The recommended baking condition is: 60 ± 5° C for 20
hours.


Similar Part No. - ALMD-EL3D-VX002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D-VX002 AVAGO-ALMD-EL3D-VX002 Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-EL3D-VX002 BOARDCOM-ALMD-EL3D-VX002 Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
More results

Similar Description - ALMD-EL3D-VX002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3D AVAGO-ALMD-CM3D Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-EL3D BOARDCOM-ALMD-EL3D Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-EL3E BOARDCOM-ALMD-EL3E Datasheet
655Kb / 12P
   High Brightness SMT Round Red, Amber, Green and Blue LED Lamps
ALMD-EG1E BOARDCOM-ALMD-EG1E Datasheet
1Mb / 12P
   High Brightness SMT Round Red, Amber LED Lamps
AEMD-EG3K BOARDCOM-AEMD-EG3K Datasheet
1Mb / 14P
   High Brightness Red and Amber SMT Round Lamps
ALMD-LG37 BOARDCOM-ALMD-LG37 Datasheet
710Kb / 12P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LM36 AVAGO-ALMD-LM36 Datasheet
628Kb / 11P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
logo
Broadcom Corporation.
AEMD-LG3K BOARDCOM-AEMD-LG3K Datasheet
996Kb / 12P
   High Brightness Red and Amber SMT Oval Lamps
ALMD-CM1F BOARDCOM-ALMD-CM1F Datasheet
828Kb / 13P
   High-Brightness SMT Round Green and Blue LED Lamps
AEMD-CM3L BOARDCOM-AEMD-CM3L Datasheet
1Mb / 14P
   High Brightness Green and Blue SMT Round Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com