Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS047PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS047PWR
Description  LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS047PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS047PWR Datasheet HTML 3Page - Texas Instruments SN65LVDS047PWR Datasheet HTML 4Page - Texas Instruments SN65LVDS047PWR Datasheet HTML 5Page - Texas Instruments SN65LVDS047PWR Datasheet HTML 6Page - Texas Instruments SN65LVDS047PWR Datasheet HTML 7Page - Texas Instruments SN65LVDS047PWR Datasheet HTML 8Page - Texas Instruments SN65LVDS047PWR Datasheet HTML 9Page - Texas Instruments SN65LVDS047PWR Datasheet HTML 10Page - Texas Instruments SN65LVDS047PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1.30
1.31
1.32
1.33
1.34
1.35
1.36
3
3.3
3.6
VCC − Power Supply Voltage − V
TA = 25°C
Load = 100
1.036
1.041
1.046
1.051
1.056
1.061
3
3.3
3.6
VCC − Power Supply Voltage − V
TA = 25°C
Load = 100
−3.30
−3.25
−3.20
−3.15
−3.10
−3.05
−3.00
3
3.3
3.6
VCC − Power Supply Voltage − V
TA = 25°C
VI = VCC or GND,
VO = 0 V
250
270
290
310
330
350
3
3.3
3.6
VCC − Power Supply Voltage − V
TA = 25°C
Load = 100
SN65LVDS047
SLLS416B – JUNE 2000 – REVISED DECEMBER 2003
OUTPUT HIGH VOLTAGE
OUTPUT LOW VOLTAGE
vs
vs
POWER SUPPLY VOLTAGE
POWER SUPPLY VOLTAGE
Figure 6.
Figure 7.
OUTPUT SHORT CIRCUIT CURRENT
DIFFERENTIAL OUTPUT VOLTAGE
vs
vs
POWER SUPPLY VOLTAGE
POWER SUPPLY VOLTAGE
Figure 8.
Figure 9.
7
Submit Documentation Feedback


Similar Part No. - SN65LVDS047PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047PWR TI-SN65LVDS047PWR Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047PWR TI-SN65LVDS047PWR Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047PWRG4 TI-SN65LVDS047PWRG4 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047PWRG4 TI-SN65LVDS047PWRG4 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LVDS047PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com