Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3576 Datasheet(PDF) 7 Page - EPCOS

Part # B3576
Description  SAW RF filter Short range devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3576 Datasheet(HTML) 7 Page - EPCOS

  B3576_1 Datasheet HTML 1Page - EPCOS B3576_1 Datasheet HTML 2Page - EPCOS B3576_1 Datasheet HTML 3Page - EPCOS B3576_1 Datasheet HTML 4Page - EPCOS B3576_1 Datasheet HTML 5Page - EPCOS B3576_1 Datasheet HTML 6Page - EPCOS B3576_1 Datasheet HTML 7Page - EPCOS B3576_1 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
April 01, 2008
B3576
315.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B3576
Ordering code
B39321B3576U310
Marking and package
C61157-A7-A56
Packaging
F61074-V8169-Z000
Date codes
L_1126
S-parameters
B3576_NB.s2p
B3576_WB.s2p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2008. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B3576_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3576 EPCOS-B3576 Datasheet
81Kb / 6P
   SAW Components Low-loss Filter 315,00 MHz
More results

Similar Description - B3576_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3905 EPCOS-B3905 Datasheet
73Kb / 7P
   SAW RF filter Short range devices
B3725 EPCOS-B3725 Datasheet
77Kb / 8P
   SAW RF filter Short range devices
B3728 EPCOS-B3728 Datasheet
69Kb / 8P
   SAW RF filter Short range devices
B3729 EPCOS-B3729 Datasheet
70Kb / 8P
   SAW RF filter Short range devices
B3730 EPCOS-B3730_1 Datasheet
94Kb / 11P
   SAW RF filter Short range devices
B3575 EPCOS-B3575_1 Datasheet
72Kb / 8P
   SAW RF filter Short range devices
B3903 EPCOS-B3903 Datasheet
63Kb / 7P
   SAW RF filter Short range devices
B3907 EPCOS-B3907 Datasheet
71Kb / 7P
   SAW RF filter Short Range Devices
B3588 EPCOS-B3588_1 Datasheet
60Kb / 7P
   SAW RF filter Short range devices
B3726 EPCOS-B3726 Datasheet
64Kb / 7P
   SAW RF filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com