Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5532DG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SA5532DG4
Description  DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5532DG4 Datasheet(HTML) 2 Page - Texas Instruments

  SA5532DG4 Datasheet HTML 1Page - Texas Instruments SA5532DG4 Datasheet HTML 2Page - Texas Instruments SA5532DG4 Datasheet HTML 3Page - Texas Instruments SA5532DG4 Datasheet HTML 4Page - Texas Instruments SA5532DG4 Datasheet HTML 5Page - Texas Instruments SA5532DG4 Datasheet HTML 6Page - Texas Instruments SA5532DG4 Datasheet HTML 7Page - Texas Instruments SA5532DG4 Datasheet HTML 8Page - Texas Instruments SA5532DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
OUT
VCC–
VCC+
36 pF
37 pF
14 pF
7 pF
15 W
460 W
15 W
IN+
IN–
Component values shown are nominal.
ABSOLUTE MAXIMUM RATINGS
(1)
NE5532, NE5532A
SA5532, SA5532A
SLOS075I – NOVEMBER 1979 – REVISED APRIL 2009................................................................................................................................................... www.ti.com
SCHEMATIC (EACH AMPLIFIER)
over operating free-air temperature range (unless otherwise noted)
VCC+
22 V
VCC
Supply voltage(2)
VCC–
–22 V
Input voltage, either input(2)(3)
VCC±
Input current(4)
±10 mA
Duration of output short circuit(5)
Unlimited
D package
97°C/W
θ
JA
Package thermal impedance(6)(7)
P package
85°C/W
PS package
95°C/W
TJ
Operating virtual-junction temperature
150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–.
(3)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage.
(4)
Excessive input current will flow if a differential input voltage in excess of approximately 0.6 V is applied between the inputs, unless
some limiting resistance is used.
(5)
The output may be shorted to ground or either power supply. Temperature and/or supply voltages must be limited to ensure the
maximum dissipation rating is not exceeded.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
(7)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) - TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
2
Submit Documentation Feedback
Copyright © 1979–2009, Texas Instruments Incorporated
Product Folder Link(s): NE5532 NE5532A SA5532 SA5532A


Similar Part No. - SA5532DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5532DG4 TI-SA5532DG4 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - SA5532DG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com