Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA06 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MPSA06
Description  NPN Small Signal Transistors 625mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSA06 Datasheet(HTML) 1 Page - Micro Commercial Components

  MPSA06 Datasheet HTML 1Page - Micro Commercial Components MPSA06 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Mechanical Data
Marking:MPSA06
Weight: 0.18 grams (Approx.)
Maximum Ratings @ 25
oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Collect to Base Voltage
VCBO
80
V
Collect to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
4.0
V
Collect Current
IC
500
mA
Total Power Dissipation @ TA=25
o
C
Ptot
625
mW
Total Power Dissipation @ TC=25
o
C
Ptot
1.5
W
Thermal Resistance Junction to
Ambient
200
o
C/W
Junction Temperature
Tj
150
o
C
Storage Temperature
TSTG
-55 to 150
o
C
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Min
Max Unit
Test Cond.
Collector Cut-off Current
ICBO
100
nA
VCB =80V, IE =0
Collector to Emitter
Saturatuion Voltage
V CE(sat)
0.25
V
IC=100mA, I B=10mA
DC Current Gain
hFE
100
100
VCE =1V, IC =10mA
VCE =1V, IC=100mA
Gain Bandwidth Product
fT
100
MHz
VCE =2V, IC =20mA,
f=100MHz
Collector-Emitter
Breakdown Voltage
V (BR)CEO
80
V
IC=1mA, I B=0
Emitter-Base
Breakdown Voltage
V (BR)EBO
4
V
IE=100 uA, I C=0
Base-Emitter ON
Voltage
VBE(ON)
1.2
V
IC=10mA, IB =1mA
Note:
Valid provided that leads are kept at ambient temperature.
MPSA06
NPN Small
Signal Transistor
625 mW
TO-92
A
E
B
C
D
G
RqJA
Revision:
5
200
8/02/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
1
2
3
1.EMITTER
3.COLLECTOR
2.BASE
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
• NPN Silicon Epitaxial Planar Transistor for switching and
amplifier applications
• As complementary type,the PNP transistor is MPSA56
• Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1


Similar Part No. - MPSA06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA06 MOTOROLA-MPSA06 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Diotec Semiconductor
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
   General Purpose NPN Transistors
logo
Weitron Technology
MPSA06 WEITRON-MPSA06 Datasheet
107Kb / 4P
   Driver NPN Transistors
logo
Unisonic Technologies
MPSA06 UTC-MPSA06 Datasheet
250Kb / 4P
   NPN TRANSISTOR
logo
ON Semiconductor
MPSA06 ONSEMI-MPSA06 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
More results

Similar Description - MPSA06

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4124 GE-2N4124 Datasheet
210Kb / 5P
   Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
   Small Signal Transistors (NPN)
2N3904 GE-2N3904 Datasheet
112Kb / 3P
   SMALL SIGNAL TRANSISTORS NPN
BC546 GE-BC546 Datasheet
263Kb / 6P
   Small Signal Transistors (NPN)
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
June 1997
logo
Micro Commercial Compon...
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
   NPN Small Signal Transistors
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
   NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
   NPN Small Signal Transistors
logo
General Semiconductor
MMBT3904 GE-MMBT3904 Datasheet
136Kb / 3P
   Small Signal Transistors (NPN)
MMBT4401 GE-MMBT4401 Datasheet
117Kb / 3P
   SMALL SIGNAL TRANSISTORS (NPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com