Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59108FIPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59108FIPWR
Description  8-BIT FM I2C BUS LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59108FIPWR Datasheet(HTML) 4 Page - Texas Instruments

  TLC59108FIPWR Datasheet HTML 1Page - Texas Instruments TLC59108FIPWR Datasheet HTML 2Page - Texas Instruments TLC59108FIPWR Datasheet HTML 3Page - Texas Instruments TLC59108FIPWR Datasheet HTML 4Page - Texas Instruments TLC59108FIPWR Datasheet HTML 5Page - Texas Instruments TLC59108FIPWR Datasheet HTML 6Page - Texas Instruments TLC59108FIPWR Datasheet HTML 7Page - Texas Instruments TLC59108FIPWR Datasheet HTML 8Page - Texas Instruments TLC59108FIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL IMPEDANCE
RECOMMENDED OPERATING CONDITIONS
(1)
TLC59108F
SLDS162 – MARCH 2009 .................................................................................................................................................................................................. www.ti.com
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
0
7
V
VI
Input voltage range
–0.4
7
V
VO
Output voltage range
–0.5
20
V
IO
Continuous output current
120
mA
PW package
1.2
PD
Power dissipation, TA = 25 °C, JESD 51-7
W
RGY package
2.2
TJ
Junction temperature range
–40
150
°C
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
UNIT
PW package
83
θ
JA
Package thermal impedance(1)
°C/W
RGY package
47
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
TEST CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VIH
High-level input voltage
SCL, SDA, RESET, A0, A1, A2, A3
0.7 × VCC
5.5
V
VIL
Low-level input voltage
SCL, SDA, RESET, A0, A1, A2, A3
0
0.3 × VCC
V
VO
Output voltage
OUT0 to OUT7
17
V
VCC = 3 V
20
IOL
Low-level output current
SDA
mA
VCC = 4.5 V
30
IO
Output current
OUT0 to OUT7
5
120
mA
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59108F


Similar Part No. - TLC59108FIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59108FIPWR TI1-TLC59108FIPWR Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
More results

Similar Description - TLC59108FIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634PW,112 NXP-PCA9634PW,112 Datasheet
211Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
logo
Texas Instruments
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit Fm I2C Bus LED Driver
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com