Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23754PWP-1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23754PWP-1
Description  High Power/High Efficiency PoE Interface and DC/DC Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23754PWP-1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS23754PWP-1 Datasheet HTML 7Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 8Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 9Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 10Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 11Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 12Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 13Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 14Page - Texas Instruments TPS23754PWP-1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TJ − Junction Temperature − °C
910
920
930
940
950
960
970
−40
−20
0
20
40
60
80
100
120
G002
Pulsed Current Measurement
(VVDD − VVSS) − PoE Voltage − V
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
G001
−40
°C
25
°C
125
°C
TPS23754
TPS23754-1
TPS23756
www.ti.com
SLVS885D – OCTOBER 2008 – REVISED DECEMBER 2009
A minimum 0.47
μF capacitor, located adjacent to the VC pin, should be connected from VC to COM to bypass
the gate driver. A larger total capacitance is required for startup to provide control power between the time the
converter starts switching and the availability of the converter auxiliary output voltage.
VDD
VDD is the positive input power rail that is derived from the PoE source (PSE). VDD should be bypassed to VSS
with a 0.1
μF capacitor as required by the IEEE standard. A transient suppressor diode (TVS), a special type of
Zener diode, such as SMAJ58A should be connected from VDD to VSS to protect against over-voltage transients.
VDD1
VDD1 is the dc/dc converter startup supply. Connect to VDD for many applications. VDD1 may be isolated by a
diode from VDD to support PoE priority operation.
VSS
VSS is the PoE input-power return side. It is the reference for the PoE interface circuits, and has a current-limited
hotswap switch that connects it to RTN. VSS is clamped to a diode drop above RTN by the hotswap switch.
A local VSS reference plane should be used to connect the input bypass capacitor, TVS, RCLS, and the
PowerPad. This plane becomes the main heatsink for the TPS23754.
VSS is internally connected to the PowerPAD.
PowerPAD
The Powerpad is internally connected to VSS. It should be tied to a large VSS copper area on the PCB to provide
a low resistance thermal path to the circuit board. It is recommended that a clearance of 0.025” be maintained
between VSS, RTN, and various control signals to high-voltage signals such as VDD and VDD1.
TYPICAL CHARACTERISTICS
DETECTION BIAS CURRENT
PoE CURRENT LIMIT
vs
vs
VOLTAGE
TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS23754PWP-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754PWP-1 TI-TPS23754PWP-1 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754PWP-1 TI1-TPS23754PWP-1 Datasheet
2Mb / 45P
[Old version datasheet]   High-Power/High-Efficiency PoE Interface and DC-DC Controller
More results

Similar Description - TPS23754PWP-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI1-TPS23754_17 Datasheet
2Mb / 45P
[Old version datasheet]   High-Power/High-Efficiency PoE Interface and DC-DC Controller
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
[Old version datasheet]   IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Silicon Standard Corp.
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
   High-Efficiency, Inverting DC/DC Controller
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com