Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7211AIDCKRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV7211AIDCKRG4
Description  CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7211AIDCKRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV7211AIDCKRG4 Datasheet HTML 2Page - Texas Instruments TLV7211AIDCKRG4 Datasheet HTML 3Page - Texas Instruments TLV7211AIDCKRG4 Datasheet HTML 4Page - Texas Instruments TLV7211AIDCKRG4 Datasheet HTML 5Page - Texas Instruments TLV7211AIDCKRG4 Datasheet HTML 6Page - Texas Instruments TLV7211AIDCKRG4 Datasheet HTML 7Page - Texas Instruments TLV7211AIDCKRG4 Datasheet HTML 8Page - Texas Instruments TLV7211AIDCKRG4 Datasheet HTML 9Page - Texas Instruments TLV7211AIDCKRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
Switching Characteristics
TLV7211,, TLV7211A
CMOS COMPARATORS
WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
SLCS149B – AUGUST 2006 – REVISED JANUARY 2007
T
J = 25°C, VCC+ = 5 V, VCC– = GND, VCM = VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
trise
Rise time
f = 10 kHz, CL = 50 pF(1), Overdrive = 10 mV
0.3
µs
tfall
Fall time
f = 10 kHz, CL = 50 pF(1), Overdrive = 10 mV
0.3
µs
10 mV
10
f = 10 kHz, CL = 50 pF(1)
100 mV
4
tPHL
Propagation delay time, high to low(2)
µs
10 mV
10
VCC+ = 2.7 V, f = 10 kHz, CL = 50 pF(1)
100 mV
4
10 mV
6
f = 10 kHz, CL = 50 pF(1)
100 mV
4
tPLH
Propagation delay time, low to high(2)
µs
10 mV
7
VCC+ = 2.7 V, f = 10 kHz, CL = 50 pF(1)
100 mV
4
(1)
CL includes probe and jig capacitance.
(2)
Input step voltage for propagation delay measurement is 2 V.
6
Submit Documentation Feedback


Similar Part No. - TLV7211AIDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7211AIDCKRG4 TI-TLV7211AIDCKRG4 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211AIDCKRG4 TI-TLV7211AIDCKRG4 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results

Similar Description - TLV7211AIDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com