Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3DV416DGVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TS3DV416DGVRG4
Description  4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DV416DGVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TS3DV416DGVRG4 Datasheet HTML 1Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 2Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 3Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 4Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 5Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 6Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 7Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 8Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DGG OR DGV PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VDD
A0
GND
A1
GND
VDD
GND
A2
GND
A3
GND
VDD
GND
NC
A4
GND
A5
GND
VDD
GND
A6
GND
A7
SEL
0B1
1B1
GND
0B2
1B2
GND
2B1
3B1
GND
2B2
3B2
GND
VDD
4B1
5B1
GND
4B2
5B2
GND
6B1
7B1
GND
6B2
7B2
NC − No internal connection
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TS3DV416
4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH
FOR DVI/HDMI APPLICATIONS
SCDS198C – OCTOBER 2005 – REVISED MAY 2006
Compatible With HDMI v1.2a (Type A) DVI 1.0
High-Speed Digital Interface
– Wide Bandwidth of Over 1.65 Gbps
(Bandwidth 1.8 Gbps Typ)
– 165-MHz Speed Operation
– Serial Data Stream at 10
× Pixel Clock Rate
– Supports All Video Formats up to 1080p
and SXGA (1280
× 1024 at 75 Hz)
– Total Raw Capacity 4.95 Gbps (Single Link)
– HDCP Compatible
Low Crosstalk (X
TALK = –41 dB Typ)
Low Bit-to-Bit Skew (t
sk(o) = 0.2 ns Max)
Low and Flat ON-State Resistance
(r
on = 4 Ω Typ, ron(flat) = 0.7 Ω Typ)
Low Input/Output Capacitance
(C
ON = 10 pF Typ)
Rail-to-Rail Switching on Data I/O Ports
(0 to 5 V)
V
DD Operating Range From 3 V to 3.6 V
I
off Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
Digital Video Signal Switching
Differential DVI, HDMI Signal Multiplexing for
Audio/Video Receivers and High-Definition
Television (HDTV)
The TS3DV416 is a 16-bit to 8-bit multiplexer/demultiplexer digital video switch with a single select (SEL) input.
SEL controls the data path of the multiplexer/demultiplexer.
The device provides a low and flat ON-state resistance (ron) and an excellent ON-state resistance match. Low
input/output capacitance, high bandwidth, low skew, and low crosstalk among channels make this device
suitable for various digital video applications, such as DVI and HDMI.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3DV416DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV416DGVRG4 TI-TS3DV416DGVRG4 Datasheet
460Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
More results

Similar Description - TS3DV416DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV421 TI-TS3DV421 Datasheet
654Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_08 Datasheet
460Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_07 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520 TI-TS3DV520 Datasheet
285Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E Datasheet
299Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520RHURG4 TI-TS3DV520RHURG4 Datasheet
472Kb / 20P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E_10 Datasheet
618Kb / 19P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com