Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3L110PW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS3L110PW
Description  QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L110PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3L110PW Datasheet HTML 7Page - Texas Instruments TS3L110PW Datasheet HTML 8Page - Texas Instruments TS3L110PW Datasheet HTML 9Page - Texas Instruments TS3L110PW Datasheet HTML 10Page - Texas Instruments TS3L110PW Datasheet HTML 11Page - Texas Instruments TS3L110PW Datasheet HTML 12Page - Texas Instruments TS3L110PW Datasheet HTML 13Page - Texas Instruments TS3L110PW Datasheet HTML 14Page - Texas Instruments TS3L110PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TS3L110
QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH
DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
SCDS176 − SEPTEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
RL = 100 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
YA
S
E
IA0
VE
VS
VCC
VBIAS
YB
RL = 100 Ω
IB0
50
Ω
(see Note B)
CL = 10 pF
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. A 50-
Ω termination resistor is needed to match the loading of the network analyzer.
CL = 10 pF
(see Note A)
Figure 8. Test Circuit for Crosstalk (XTALK)
Crosstalk is measured at the output of the nonadjacent ON channel. For example, when VS = 0,
VE = 0, and YA is the input, the output is measured at IB0. All unused analog input (Y) ports are connected to GND,
and output (I) ports are connected to GND through 50-
Ω pulldown resistors.
HP8753ES setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBm


Similar Part No. - TS3L110PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L110PW TI-TS3L110PW Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
TS3L110PWR TI-TS3L110PWR Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
More results

Similar Description - TS3L110PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L110 TI-TS3L110 Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
Texas Instruments
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com