Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3318IDBG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TRS3318IDBG4
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318IDBG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRS3318IDBG4 Datasheet HTML 7Page - Texas Instruments TRS3318IDBG4 Datasheet HTML 8Page - Texas Instruments TRS3318IDBG4 Datasheet HTML 9Page - Texas Instruments TRS3318IDBG4 Datasheet HTML 10Page - Texas Instruments TRS3318IDBG4 Datasheet HTML 11Page - Texas Instruments TRS3318IDBG4 Datasheet HTML 12Page - Texas Instruments TRS3318IDBG4 Datasheet HTML 13Page - Texas Instruments TRS3318IDBG4 Datasheet HTML 14Page - Texas Instruments TRS3318IDBG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TRS3318CDB
ACTIVE
SSOP
DB
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318CDBG4
ACTIVE
SSOP
DB
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318CDBR
ACTIVE
SSOP
DB
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318CDBRG4
ACTIVE
SSOP
DB
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318CPW
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318CPWG4
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318CPWR
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318CPWRG4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318IDB
ACTIVE
SSOP
DB
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318IDBG4
ACTIVE
SSOP
DB
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318IDBR
ACTIVE
SSOP
DB
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318IDBRG4
ACTIVE
SSOP
DB
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318IPW
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318IPWG4
ACTIVE
TSSOP
PW
20
70
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318IPWR
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3318IPWRG4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2007
Addendum-Page 1


Similar Part No. - TRS3318IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318IDBG4 TI-TRS3318IDBG4 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3318IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E_1 Datasheet
356Kb / 20P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
STMicroelectronics
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com