Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39871B3725U410 Datasheet(PDF) 4 Page - EPCOS

Part # B39871B3725U410
Description  SAW RF filter Short range devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39871B3725U410 Datasheet(HTML) 4 Page - EPCOS

  B39871B3725U410 Datasheet HTML 1Page - EPCOS B39871B3725U410 Datasheet HTML 2Page - EPCOS B39871B3725U410 Datasheet HTML 3Page - EPCOS B39871B3725U410 Datasheet HTML 4Page - EPCOS B39871B3725U410 Datasheet HTML 5Page - EPCOS B39871B3725U410 Datasheet HTML 6Page - EPCOS B39871B3725U410 Datasheet HTML 7Page - EPCOS B39871B3725U410 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
January 19, 2009
B3725
869.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
869.0
MHz
Maximum insertion attenuation
α
max
868.0
...
870.0
MHz
2.5
4.0
dB
Amplitude ripple (p-p)
∆α
868.0
...
870.0
MHz
0.3
1.7
dB
Return loss (input / output)
868.0
...
870.0
MHz
10
20
dB
Attenuation
α
10.0
...
300.0
MHz
45
50
dB
300.0
...
845.0
MHz
40
45
dB
845.0
...
853.0
MHz
38
41
dB
879.0
...
883.0
MHz
15
30
dB
883.0
...
915.0
MHz
45
55
dB
915.0
...
945.0
MHz
40
45
dB
945.0
... 1200.0
MHz
45
55
dB
1200.0
... 2000.0
MHz
35
40
dB
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
0
V
Source power
Ps
13
dBm
source impedance 50
Source power
Ps
18
dBm
duty cycle 1:10,
868 MHz to 870 MHz
-40 ˚C to +85 ˚C


Similar Part No. - B39871B3725U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39871B3725U410 TDK-B39871B3725U410 Datasheet
104Kb / 9P
   SAW RF filter
More results

Similar Description - B39871B3725U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3905 EPCOS-B3905 Datasheet
73Kb / 7P
   SAW RF filter Short range devices
B3728 EPCOS-B3728 Datasheet
69Kb / 8P
   SAW RF filter Short range devices
B3729 EPCOS-B3729 Datasheet
70Kb / 8P
   SAW RF filter Short range devices
B3730 EPCOS-B3730_1 Datasheet
94Kb / 11P
   SAW RF filter Short range devices
B3575 EPCOS-B3575_1 Datasheet
72Kb / 8P
   SAW RF filter Short range devices
B3576 EPCOS-B3576_1 Datasheet
83Kb / 8P
   SAW RF filter Short range devices
B3903 EPCOS-B3903 Datasheet
63Kb / 7P
   SAW RF filter Short range devices
B3907 EPCOS-B3907 Datasheet
71Kb / 7P
   SAW RF filter Short Range Devices
B3588 EPCOS-B3588_1 Datasheet
60Kb / 7P
   SAW RF filter Short range devices
B3726 EPCOS-B3726 Datasheet
64Kb / 7P
   SAW RF filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com