Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3L110DGVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS3L110DGVRG4
Description  QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L110DGVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TS3L110DGVRG4 Datasheet HTML 1Page - Texas Instruments TS3L110DGVRG4 Datasheet HTML 2Page - Texas Instruments TS3L110DGVRG4 Datasheet HTML 3Page - Texas Instruments TS3L110DGVRG4 Datasheet HTML 4Page - Texas Instruments TS3L110DGVRG4 Datasheet HTML 5Page - Texas Instruments TS3L110DGVRG4 Datasheet HTML 6Page - Texas Instruments TS3L110DGVRG4 Datasheet HTML 7Page - Texas Instruments TS3L110DGVRG4 Datasheet HTML 8Page - Texas Instruments TS3L110DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TS3L110
QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH
DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
SCDS176 − SEPTEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
E, S
VCC = 3.6 V,
IIN = −18 mA
−1.8
V
IIH
E, S
VCC = 3.6 V,
VIN = 5.5 V
±1
μA
IIL
E, S
VCC = 3.6 V,
VIN = GND
±1
μA
Ioff
VCC = 0,
VO = 0 to 5.5 V ,
VI = 0
1
μA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
0.7
1.5
mA
Cin
E, S
f = 1 MHz,
VIN = 0
2.5
3.5
pF
C
I port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3.5
5
pF
Cio(OFF)
Y port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
5.5
7
pF
Cio(ON)
I or Y port
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
10.5
13
pF
ron
VCC = 3 V
1.25 V
≤ VI ≤ VCC,
II = −10 mA to −30 mA
4
8
Ω
ron(flat)‡
VCC = 3 V
VI = 1.25 V and VCC,
II = −10 mA to −30 mA
1
Ω
Δron§
VCC = 3 V,
1.25 V
≤ VI ≤ VCC,
II = −10 mA to −30 mA
0.9
2
Ω
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
ron(flat) is the difference of ron in a given channel at specified voltages.
§
Δron is the difference of ron in a given device.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V + 0.3 V, RL = 200 Ω, CL = 10 pF (unless otherwise noted) (see Figures 5 and 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
tpd¶
I or Y
Y or I
0.25
ns
tPZH, tPZL
E or S
I or Y
0.5
7
ns
tPHZ, tPLZ
E or S
I or Y
0.5
5
ns
tsk(p)#
I or Y
Y or I
0.1
0.2
ns
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance when
driven by an ideal voltage source (zero output impedance).
# Skew between opposite transitions of the same output |tPHL − tPLH|. This parameter is not production tested.
dynamic
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
XTALK
RL = 100 Ω,
f = 250 MHz, see Figure 7
−26
dB
OIRR
RL = 100 Ω,
f = 250 MHz, see Figure 8
−28
dB
BW
RL = 100 Ω, see Figure 6
500
MHz
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.


Similar Part No. - TS3L110DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L110DGVR TI-TS3L110DGVR Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
More results

Similar Description - TS3L110DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L110 TI-TS3L110 Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
Texas Instruments
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com