Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3734 Datasheet(PDF) 6 Page - EPCOS

Part # B3734
Description  SAW filter Short range devices
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3734 Datasheet(HTML) 6 Page - EPCOS

Back Button B3734_1 Datasheet HTML 2Page - EPCOS B3734_1 Datasheet HTML 3Page - EPCOS B3734_1 Datasheet HTML 4Page - EPCOS B3734_1 Datasheet HTML 5Page - EPCOS B3734_1 Datasheet HTML 6Page - EPCOS B3734_1 Datasheet HTML 7Page - EPCOS B3734_1 Datasheet HTML 8Page - EPCOS B3734_1 Datasheet HTML 9Page - EPCOS B3734_1 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
August 05, 2008
B3734
868.30 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Matching network to 50
Ω (element values depend on pcb layout and equivalent circuit)
Minimising the crosstalk
For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with a good
RF layout. The major crosstalk mechanism is caused by the “ground-loop” problem.
Grounding loops are created if input-and output transducer GND are connected on the top-side of
the PCB and fed to the system grounding plane by a common via hole. To avoid the common
ground path, the ground pin of the input- and output transducer are fed to the system ground plane
(bottom PCB plane) by their own via hole. The transducers’ grounding pins should be isolated from
the upper grounding plane.
A common GND inductivity of 0.5nH degrades the ultimate rejection (crosstalk) by 20dB.
The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown
here. In this PCB layout the grounding loops are minimised to realise good ultimate rejection
Optimised PCB layout for SAW filters in DCC6E package, pinning 2,4 (top side, scale 1:1)
The bottom side is a copper plane (system ground area). The input and output grounding pins are
isolated and connected to the common ground by separated via holes.
For good contact of the upper grounding area with the lower side it is necessary to place enough
via holes.
Ls1 = 18 nH
Ls2 = 18 nH


Similar Part No. - B3734_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3734 EPCOS-B3734 Datasheet
79Kb / 11P
   SAW Components
logo
TDK Electronics
B3734 TDK-B3734 Datasheet
92Kb / 11P
   SAW Components SAW filter Short range devices
logo
List of Unclassifed Man...
B3734 ETC1-B3734 Datasheet
2Mb / 15P
   The temperature was measured using the FG-100 thermometer.
More results

Similar Description - B3734_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3782 EPCOS-B3782_1 Datasheet
88Kb / 9P
   SAW filter Short range devices
B3783 EPCOS-B3783_1 Datasheet
91Kb / 10P
   SAW filter Short range devices
B3715 EPCOS-B3715_1 Datasheet
57Kb / 7P
   SAW filter Short range devices
B3932 EPCOS-B3932 Datasheet
87Kb / 10P
   SAW filter Short range devices
B3776 EPCOS-B3776 Datasheet
92Kb / 11P
   SAW filter Short range devices
B3737 EPCOS-B3737 Datasheet
105Kb / 11P
   SAW filter Short range devices
B3739 EPCOS-B3739 Datasheet
93Kb / 11P
   SAW filter Short range devices
B3713 EPCOS-B3713_1 Datasheet
54Kb / 6P
   SAW filter Short range devices
B3792 EPCOS-B3792 Datasheet
75Kb / 9P
   SAW filter Short range devices
B3722 EPCOS-B3722 Datasheet
62Kb / 7P
   SAW filter Short range devices
B3738 EPCOS-B3738 Datasheet
89Kb / 10P
   SAW filter Short range devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com