Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFM202 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HFM202
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HFM202 Datasheet(HTML) 1 Page - Rectron Semiconductor

  HFM202 Datasheet HTML 1Page - Rectron Semiconductor HFM202 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.098 gram
* Epoxy : Device has UL flammability classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
HFM201
THRU
HFM208
DO-214AA
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
HIGH EFFICIENCY SILICON RECTIFIER
NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
2.0
60
30
-65 to + 175
Amps
pF
0C
UNITS
20
Maximum DC Reverse Current at
CHARACTERISTICS
VF
SYMBOL
IR
trr
UNITS
uAmps
nSec
Maximum Full Load Reverse Current, Full cycle Average TA = 55
oC
Maximum Forward Voltage at 2.0A DC
Volts
5.0
50
Maximum Reverse Recovery Time (Note 1)
Rated DC Blocking Voltage
HFM201
HFM206
HFM203
HFM207 HFM208
HFM204
50
uAmps
1.0
1.7
75
HFM201
50
35
50
HFM202
100
70
100
HFM204
300
210
300
HFM205
400
280
400
HFM207
800
560
800
HFM208
1000
700
1000
HFM203
200
140
200
HFM206
600
420
600
HFM202
HFM205
1.3
@TA = 25
oC
@TA = 125
oC
100
uAmps
0.012 (0.305)
0.006 (0.152)
0.008 (0.203)
0.004 (0.102)
0.220 (5.59)
0.205 (5.21)
0.030 (0.76)
0.060 (1.52)
0.084 (2.13)
0.096 (2.44)
0.160 (4.06)
0.180 (4.57)
0.130 (3.30)
0.155 (3.94)
0.083 (2.11)
0.077 (1.96)
MECHANICAL DATA


Similar Part No. - HFM202

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HFM202 LRC-HFM202 Datasheet
188Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
List of Unclassifed Man...
HFM202 ETC2-HFM202 Datasheet
129Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
HFM202 WINNERJOIN-HFM202 Datasheet
129Kb / 2P
   Ultra fast recovery type
logo
SUNMATE electronic Co.,...
HFM202 SUNMATE-HFM202 Datasheet
441Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
logo
Formosa MS
HFM202 FORMOSA-HFM202 Datasheet
59Kb / 7P
   Chip High Effciency Rectifiers
More results

Similar Description - HFM202

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM201A RECTRON-HFM201A Datasheet
34Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FM201C RECTRON-FM201C Datasheet
30Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
HFM201W RECTRON-HFM201W Datasheet
29Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
HFM301 RECTRON-HFM301 Datasheet
284Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
HFM201L RECTRON-HFM201L Datasheet
341Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
FFM201 RECTRON-FFM201 Datasheet
24Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FFM201A RECTRON-FFM201A Datasheet
401Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
HER201 RECTRON-HER201_11 Datasheet
218Kb / 7P
   HIGH EFFICIENCY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FM301B RECTRON-FM301B Datasheet
29Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com