Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS12501UW3T2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS12501UW3T2G
Description  12 V, 7.0 A, Low VCE(sat) NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS12501UW3T2G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS12501UW3T2G Datasheet HTML 1Page - ON Semiconductor NSS12501UW3T2G Datasheet HTML 2Page - ON Semiconductor NSS12501UW3T2G Datasheet HTML 3Page - ON Semiconductor NSS12501UW3T2G Datasheet HTML 4Page - ON Semiconductor NSS12501UW3T2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NSS12501UW3T2G
http://onsemi.com
4
VCE (Vdc)
Figure 7. Input Capacitance
VEB, EMITTER BASE VOLTAGE (V)
0
675
475
425
375
275
3.0
1.0
2.0
325
625
575
525
5.0
4.0
6.0
0.01
0.1
1
10
0.01
1.0
10
100
Cibo (pF)
Figure 8. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (V)
0
120
110
100
80
70
3.0
1.0
2.0
90
140
130
5.0
4.0
10
Cobo (pF)
Figure 9. Safe Operating Area
9.0
1.0 mS
10 mS
100 mS
1.0 S
Thermal
Limit
7.0
6.0
8.0
0.1
Single Pulse Test
at Tamb = 25°C


Similar Part No. - NSS12501UW3T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
108Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G_07 Datasheet
108Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
More results

Similar Description - NSS12501UW3T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20501UW3T2G ONSEMI-NSS20501UW3T2G Datasheet
88Kb / 5P
   20 V, 7.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 2
NSS40501UW3T2G ONSEMI-NSS40501UW3T2G Datasheet
84Kb / 5P
   40 V, 7.0 A, Low VCE(sat) NPN Transistor
June, 2007 - Rev. 3
NSS12201LT1G ONSEMI-NSS12201LT1G Datasheet
131Kb / 5P
   12 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G Datasheet
102Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G Datasheet
103Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12601CF8T1G ONSEMI-NSS12601CF8T1G Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G Datasheet
61Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G_07 Datasheet
108Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40600CF8T1G ONSEMI-NSS40600CF8T1G_07 Datasheet
106Kb / 5P
   40 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G_07 Datasheet
106Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com