Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB5411NT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTB5411NT4G
Description  Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB5411NT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NTB5411NT4G Datasheet HTML 1Page - ON Semiconductor NTB5411NT4G Datasheet HTML 2Page - ON Semiconductor NTB5411NT4G Datasheet HTML 3Page - ON Semiconductor NTB5411NT4G Datasheet HTML 4Page - ON Semiconductor NTB5411NT4G Datasheet HTML 5Page - ON Semiconductor NTB5411NT4G Datasheet HTML 6Page - ON Semiconductor NTB5411NT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTB5411N, NTP5411N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
0
20
40
60
80
100
120
140
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
VGS = 4.5 V
5.5 V
6 V
6.5 V
10 V
7 V
TJ = 25°C
0
20
40
60
80
100
120
140
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
TJ = 25°C
TJ = −55°C
TJ = 125°C
VDS w 10 V
8
9
10
11
12
13
14
15
5
6789
10
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
ID = 40 A
TJ = 25°C
5
6
7
8
9
10
11
12
10
30
50
70
90
110
130 150
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
TJ = 25°C
VGS = 10 V
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−50 −25
0
25
50
75
100 125 150 175
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = 40 A
VGS = 10 V
10
100
1000
5
10
152025
303540
455055 60
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VGS = 0 V
TJ = 150°C
TJ = 125°C
2.2
2.4


Similar Part No. - NTB5411NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
NTB5412NT4G ONSEMI-NTB5412NT4G Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
More results

Similar Description - NTB5411NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTP5426NG ONSEMI-NTP5426NG Datasheet
136Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2011 ??Rev. 1
NTP75N06 ONSEMI-NTP75N06_V01 Datasheet
176Kb / 9P
   Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
NTP27N06 ONSEMI-NTP27N06 Datasheet
83Kb / 12P
   Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
August, 2001 ??Rev. 2
NTB75N03R ONSEMI-NTB75N03R Datasheet
73Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
October, 2003 ??Rev. 2
logo
Unisonic Technologies
60N08 UTC-60N08 Datasheet
187Kb / 6P
   60 Amps, 80 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
   Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
NTBV45N06 ONSEMI-NTBV45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTB45N06T4G ONSEMI-NTB45N06T4G Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com