Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD70N03R Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD70N03R
Description  Power MOSFET 72 A, 25 V, N-Channel DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD70N03R Datasheet(HTML) 4 Page - ON Semiconductor

  NTD70N03R Datasheet HTML 1Page - ON Semiconductor NTD70N03R Datasheet HTML 2Page - ON Semiconductor NTD70N03R Datasheet HTML 3Page - ON Semiconductor NTD70N03R Datasheet HTML 4Page - ON Semiconductor NTD70N03R Datasheet HTML 5Page - ON Semiconductor NTD70N03R Datasheet HTML 6Page - ON Semiconductor NTD70N03R Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTD70N03R
http://onsemi.com
4
10
0
10
15
20
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
3000
1000
0
VGS
VDS
1500
500
55
VGS = 0 V
VDS = 0 V
TJ = 25°C
CISS
COSS
CRSS
2000
2500
CRSS
CISS
Figure 8. Gate-To-Source and Drain-To-Source
Voltage versus Total Charge
030
8
2
0
QG, TOTAL GATE CHARGE (nC)
ID = 36 A
TJ = 25°C
10
4
6
QGD
10
VDD = 10 V
QT
QGS
20
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
1
100
tr
td(off)
td(on)
tf
10
VDS = 10 V
ID = 36 A
VGS = 10 V
80
0
0.4
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage versus Current
0.6
0.8
1.6
10
20
30
1.0
1.2
40
60
50
70
1.4
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms
80
0
0
Tmb (
°C)
Figure 12. Normalized Continuous Drain Current
as a function of Mounting Base Temperature
50
200
100
40
120
150


Similar Part No. - NTD70N03R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD70N03R ONSEMI-NTD70N03R Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
VBsemi Electronics Co.,...
NTD70N03R VBSEMI-NTD70N03R Datasheet
1,002Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
logo
VBsemi Electronics Co.,...
NTD70N03R-001 VBSEMI-NTD70N03R-001 Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD70N03R-1 ONSEMI-NTD70N03R-1 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
More results

Similar Description - NTD70N03R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD70N03R-001 ONSEMI-NTD70N03R-001 Datasheet
91Kb / 7P
   Power MOSFET 72 A, 25 V, N-Channel DPAK
March, 2008 - Rev. 10
NTD65N03R ONSEMI-NTD65N03R Datasheet
74Kb / 8P
   Power MOSFET 25 V, 65 A, Single N-Channel, DPAK
July, 2006 ??Rev. 3
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com