Electronic Components Datasheet Search |
|
NTD70N03RG Datasheet(PDF) 2 Page - ON Semiconductor |
|
NTD70N03RG Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 7 page NTD70N03R http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TJ = 25°C Unless otherwise specified) Characteristics Symbol Min Typ Max Unit OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (Note 3) (VGS = 0 Vdc, ID = 250 mAdc) Temperature Coefficient (Positive) V(br)DSS 25 - 28 20.5 - - Vdc mV/ °C Zero Gate Voltage Drain Current (VDS = 20 Vdc, VGS = 0 Vdc) (VDS = 20 Vdc, VGS = 0 Vdc, TJ = 150°C) IDSS - - - - 1.5 10 mAdc Gate-Body Leakage Current (VGS = ±20 Vdc, VDS = 0 Vdc) IGSS - - ±100 nAdc ON CHARACTERISTICS (Note 3) Gate Threshold Voltage (Note 3) (VDS = VGS, ID = 250 mAdc) Threshold Temperature Coefficient (Negative) VGS(th) 1.0 - 1.5 4.0 2.0 - Vdc mV/ °C Static Drain-to-Source On-Resistance (Note 3) (VGS = 4.5 Vdc, ID = 20 Adc) (VGS = 10 Vdc, ID = 20 Adc) RDS(on) - - 8.1 5.6 13 8.0 m W Forward Transconductance (Note 3) (VDS = 10 Vdc, ID = 15 Adc) gFS - 27 - Mhos DYNAMIC CHARACTERISTICS Input Capacitance (VDS = 20 Vdc, VGS = 0 V, f = 1 MHz) CISS - 1333 - pF Output Capacitance COSS - 600 - Transfer Capacitance CRSS - 218 - SWITCHING CHARACTERISTICS (Note 4) Turn-On Delay Time (VGS = 10 Vdc, VDD = 10 Vdc, ID = 36 Adc, RG = 3 W) td(on) - 6.9 - ns Rise Time tr - 1.3 - Turn-Off Delay Time td(off) - 18.4 - Fall Time tf - 5.5 - Gate Charge (VGS = 5 Vdc, ID = 36 Adc, VDS = 10 Vdc) (Note 3) QT - 13.2 - nC QGS - 3.3 - QDS - 6.5 - SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 20 Adc, VGS = 0 Vdc) (Note 3) (IS = 20 Adc, VGS = 0 Vdc, TJ = 125°C) VSD - - 0.86 0.73 1.2 - Vdc Reverse Recovery Time (IS = 36 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) (Note 3) trr - 27.9 - ns ta - 14.8 - tb - 13.1 - Reverse Recovery Stored Charge QRR - 19 - nC 3. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2%. 4. Switching characteristics are independent of operating junction temperatures. |
Similar Part No. - NTD70N03RG |
|
Similar Description - NTD70N03RG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |