Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD78N03R Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD78N03R
Description  Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD78N03R Datasheet(HTML) 3 Page - ON Semiconductor

  NTD78N03R Datasheet HTML 1Page - ON Semiconductor NTD78N03R Datasheet HTML 2Page - ON Semiconductor NTD78N03R Datasheet HTML 3Page - ON Semiconductor NTD78N03R Datasheet HTML 4Page - ON Semiconductor NTD78N03R Datasheet HTML 5Page - ON Semiconductor NTD78N03R Datasheet HTML 6Page - ON Semiconductor NTD78N03R Datasheet HTML 7Page - ON Semiconductor NTD78N03R Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTD78N03R
http://onsemi.com
3
20
40
60
80
100
120
2
1.4
1.2
0.8
0.6
1000
10000
100000
0.004
08
6
4
0
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
3
10.25
6.50
5.25
6
4.00
48
9
10
Figure 3. On−Resistance versus
Gate−to−Source Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
60
−50
100
75
0
−25
125
175
03
8
10
0.002
0.01
0.008
218
16
14
20
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
20
40
10
VGS = 0 V
TJ = 100°C
TJ = 175°C
VGS = 4.5 V
VGS = 10 V
TJ = 25°C
ID = 30 A
TJ = 25°C
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
TJ = 25°C
50
25
45
2
VGS = 4 V
2.4 V
2.6 V
3.5 V
3 V
4.5 V
6 V
9.00
7.75
15
20
25
30
80
100
120
10 V
0
1.6
1
ID = 30 A
VGS = 10 V
to 11.5V
100
2
1
7
5
150
11.50
0.006
1.8
46
8
10
12
19
7
5
3
67


Similar Part No. - NTD78N03R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD78N03R-001 VBSEMI-NTD78N03R-001 Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
NTD78N03R-1G VBSEMI-NTD78N03R-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD78N03R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5803N ONSEMI-NVD5803N Datasheet
106Kb / 6P
   Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0
NTD78N03-35G ONSEMI-NTD78N03-35G Datasheet
76Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03-1G ONSEMI-NTD78N03-1G Datasheet
87Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03 ONSEMI-NTD78N03 Datasheet
83Kb / 8P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
116Kb / 7P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com