Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD78N03RT4 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD78N03RT4
Description  Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD78N03RT4 Datasheet(HTML) 6 Page - ON Semiconductor

  NTD78N03RT4 Datasheet HTML 1Page - ON Semiconductor NTD78N03RT4 Datasheet HTML 2Page - ON Semiconductor NTD78N03RT4 Datasheet HTML 3Page - ON Semiconductor NTD78N03RT4 Datasheet HTML 4Page - ON Semiconductor NTD78N03RT4 Datasheet HTML 5Page - ON Semiconductor NTD78N03RT4 Datasheet HTML 6Page - ON Semiconductor NTD78N03RT4 Datasheet HTML 7Page - ON Semiconductor NTD78N03RT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTD78N03R
http://onsemi.com
6
PACKAGE DIMENSIONS
DPAK
CASE 369C−01
ISSUE O
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4


Similar Part No. - NTD78N03RT4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD78N03R-001 VBSEMI-NTD78N03R-001 Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
NTD78N03R-1G VBSEMI-NTD78N03R-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD78N03RT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5803N ONSEMI-NVD5803N Datasheet
106Kb / 6P
   Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0
NTD78N03-35G ONSEMI-NTD78N03-35G Datasheet
76Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03-1G ONSEMI-NTD78N03-1G Datasheet
87Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03 ONSEMI-NTD78N03 Datasheet
83Kb / 8P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
116Kb / 7P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com