Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4810N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD4810N
Description  Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4810N Datasheet(HTML) 2 Page - ON Semiconductor

  NTD4810N Datasheet HTML 1Page - ON Semiconductor NTD4810N Datasheet HTML 2Page - ON Semiconductor NTD4810N Datasheet HTML 3Page - ON Semiconductor NTD4810N Datasheet HTML 4Page - ON Semiconductor NTD4810N Datasheet HTML 5Page - ON Semiconductor NTD4810N Datasheet HTML 6Page - ON Semiconductor NTD4810N Datasheet HTML 7Page - ON Semiconductor NTD4810N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD4810N
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction--to--Case (Drain)
RθJC
3.0
°C/W
Junction--to--TAB (Drain)
RθJC--TAB
3.5
Junction--to--Ambient -- Steady State (Note 1)
RθJA
75
Junction--to--Ambient -- Steady State (Note 2)
RθJA
117
1. Surface--mounted on FR4 board using 1 in sq pad size, 1 oz Cu.
2. Surface--mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain--to--Source Breakdown Voltage
V(BR)DSS
VGS =0 V, ID = 250 mA
30
V
Drain--to--Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
27
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS =0 V,
VDS =24 V
TJ =25°C
1.0
mA
TJ = 125°C
10
Gate--to--Source Leakage Current
IGSS
VDS =0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS =VDS,ID = 250 mA
1.5
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.2
mV/°C
Drain--to--Source On Resistance
RDS(on)
VGS =10 to
11.5 V
ID =30 A
8.0
10
ID =15 A
7.8
VGS =4.5 V
ID =30 A
12
15.7
ID =15 A
11
Forward Transconductance
gFS
VDS =15 V, ID =10 A
9.0
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V,f= 1.0MHz,
VDS =12 V
1165
1350
pF
Output Capacitance
Coss
284
330
Reverse Transfer Capacitance
Crss
154
200
Total Gate Charge
QG(TOT)
VGS =4.5 V, VDS =15 V,
ID =30 A
9.2
11
nC
Threshold Gate Charge
QG(TH)
1.3
Gate--to--Source Charge
QGS
3.3
Gate--to--Drain Charge
QGD
4.4
Total Gate Charge
QG(TOT)
VGS =11.5 V, VDS =15 V,
ID =30 A
21
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn--On Delay Time
td(on)
VGS =4.5 V, VDS =15 V,
ID =15 A, RG =3.0 Ω
11.5
ns
Rise Time
tr
20.7
Turn--Off Delay Time
td(off)
13.8
Fall Time
tf
3.8
Turn--On Delay Time
td(on)
VGS =11.5 V, VDS =15 V,
ID =15 A, RG =3.0 Ω
7.2
ns
Rise Time
tr
20.7
Turn--Off Delay Time
td(off)
21.8
Fall Time
tf
2.6
3. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD4810N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4810N ONSEMI-NTD4810N Datasheet
157Kb / 7P
   Power MOSFET
October, 2011 ??Rev. 10
logo
VBsemi Electronics Co.,...
NTD4810N-1G VBSEMI-NTD4810N-1G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
NTD4810N-35G VBSEMI-NTD4810N-35G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4810NH-1G ONSEMI-NTD4810NH-1G Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
More results

Similar Description - NTD4810N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4906N ONSEMI-NTD4906N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 1
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4815NH ONSEMI-NTD4815NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4805N ONSEMI-NTD4805N_V01 Datasheet
250Kb / 9P
   MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4815N ONSEMI-NTD4815N Datasheet
298Kb / 8P
   Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com