Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4813N Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD4813N
Description  Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4813N Datasheet(HTML) 5 Page - ON Semiconductor

  NTD4813N Datasheet HTML 1Page - ON Semiconductor NTD4813N Datasheet HTML 2Page - ON Semiconductor NTD4813N Datasheet HTML 3Page - ON Semiconductor NTD4813N Datasheet HTML 4Page - ON Semiconductor NTD4813N Datasheet HTML 5Page - ON Semiconductor NTD4813N Datasheet HTML 6Page - ON Semiconductor NTD4813N Datasheet HTML 7Page - ON Semiconductor NTD4813N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTD4813N
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
Crss
010
15
25
VDS, DRAIN--TO--SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
400
0
800
5
TJ =25°C
Coss
Ciss
600
1000
Figure 8. Gate--To--Source and Drain--To--Source
Voltage vs. Total Charge
0
3
0
QG, TOTAL GATE CHARGE (nC)
15
6
6
5
ID =30 A
VDD =15 V
VGS =11.5 V
TJ =25°C
Q2
QT
7
0
0.5
VSD, SOURCE--TO--DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1
VGS =0 V
Figure 10. Diode Forward Voltage vs. Current
100
0.6
0.7
1.0
5
10
15
tr
td(off)
td(on)
tf
10
VDD =15 V
ID =30 A
VGS =11.5 V
0.8
0.9
20
30
25
TJ =25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN--TO--SOURCE VOLTAGE (VOLTS)
1000
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS =20 V
SINGLE PULSE
TC =25°C
1ms
100 ms
10 ms
dc
10 ms
20
9
1
100
0
25
TJ, JUNCTION TEMPERATURE (°C)
ID =12 A
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
50
75
175
20
60
80
100
125
150
200
40
300
700
500
900
100
12
3
24
1
Q1
10
50
70
30
8 9 10 11 12 13 14 15 16
1.5
13.5
4.5
7.5
10.5


Similar Part No. - NTD4813N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD4813N-1G VBSEMI-NTD4813N-1G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
NTD4813N-35G VBSEMI-NTD4813N-35G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4813NH ONSEMI-NTD4813NH Datasheet
117Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
NTD4813NH-1G ONSEMI-NTD4813NH-1G Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
More results

Similar Description - NTD4813N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4810N ONSEMI-NTD4810N Datasheet
299Kb / 8P
   Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 8
NTD4815NH ONSEMI-NTD4815NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4805N ONSEMI-NTD4805N_V01 Datasheet
250Kb / 9P
   MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4815N ONSEMI-NTD4815N Datasheet
298Kb / 8P
   Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD5806N ONSEMI-NTD5806N Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com