Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4810N-1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD4810N-1G
Description  Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4810N-1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTD4810N-1G Datasheet HTML 1Page - ON Semiconductor NTD4810N-1G Datasheet HTML 2Page - ON Semiconductor NTD4810N-1G Datasheet HTML 3Page - ON Semiconductor NTD4810N-1G Datasheet HTML 4Page - ON Semiconductor NTD4810N-1G Datasheet HTML 5Page - ON Semiconductor NTD4810N-1G Datasheet HTML 6Page - ON Semiconductor NTD4810N-1G Datasheet HTML 7Page - ON Semiconductor NTD4810N-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 -- Rev. 8
1
Publication Order Number:
NTD4810N/D
NTD4810N
Power MOSFET
30 V, 54 A, Single N--Channel, DPAK/IPAK
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These are Pb--Free Devices
Applications
CPU Power Delivery
DC--DC Converters
MAXIMUM RATINGS (TJ =25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain--to--Source Voltage
VDSS
30
V
Gate--to--Source Voltage
VGS
20
V
Continuous Drain
Current (RθJA)(Note 1)
Steady
State
TA =25°C
ID
10.8
A
TA =85°C
8.4
Power Dissipation
(RθJA)(Note 1)
TA =25°C
PD
2.0
W
Continuous Drain
Current (RθJA)(Note 2)
TA =25°C
ID
8.6
A
TA =85°C
6.7
Power Dissipation
(RθJA)(Note 2)
TA =25°C
PD
1.28
W
Continuous Drain
Current (RθJC)
(Note 1)
TC =25°C
ID
54
A
TC =85°C
42
Power Dissipation
(RθJC)(Note 1)
TC =25°C
PD
50
W
Pulsed Drain Current
tp=10ms TA =25°C
IDM
120
A
Current Limited by Package
TA =25°C IDmaxPkg
45
A
Operating Junction and Storage Temperature
TJ,Tstg
-- 55 to
175
°C
Source Current (Body Diode)
IS
41
A
Drain to Source dV/dt
dV/dt
6.0
V/ns
Single Pulse Drain--to--Source Avalanche
Energy (VDD =24 V, VGS =10 V,
L= 1.0mH, IL(pk) =14 A, RG =25 Ω)
EAS
98
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
CASE 369AA
DPAK
(Bent Lead)
STYLE 2
MARKING DIAGRAMS
& PIN ASSIGNMENTS
CASE 369D
IPAK
(Straight Lead
DPAK)
30 V
10 mΩ @10V
RDS(on) MAX
54 A
ID MAX
V(BR)DSS
15.7 mΩ @4.5 V
http://onsemi.com
1 2
3
4
Seedetailedorderingandshippinginformationinthepackage
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1 2
3
4
CASE 369AC
3IPAK
(Straight Lead)
1
2
3
4
N--Channel
D
S
G
1
Gate
2
Drain 3
Source
4
Drain
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
Y
= Year
WW
= Work Week
4810N = Device Code
G
= Pb--Free Package


Similar Part No. - NTD4810N-1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD4810N-1G VBSEMI-NTD4810N-1G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4810N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4906N ONSEMI-NTD4906N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 1
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4815NH ONSEMI-NTD4815NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4805N ONSEMI-NTD4805N_V01 Datasheet
250Kb / 9P
   MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4815N ONSEMI-NTD4815N Datasheet
298Kb / 8P
   Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com