Electronic Components Datasheet Search |
|
EP3SE50 Datasheet(PDF) 11 Page - Altera Corporation |
|
EP3SE50 Datasheet(HTML) 11 Page - Altera Corporation |
11 / 341 page © July 2010 Altera Corporation Stratix III Device Handbook, Volume 2 1. Stratix III Device Datasheet: DC and Switching Characteristics Electrical Characteristics This chapter describes the electrical characteristics, switching characteristics, and I/O timing for Stratix® III devices. Electrical characteristics include operating conditions and power consumption. Switching characteristics include core performance specifications and periphery performance. A glossary is also included for your reference. Operating Conditions When Stratix III devices are implemented in a system, they are rated according to a set of defined parameters. To maintain the highest possible performance and reliability of Stratix III devices, system designers must consider the operating requirements described in this chapter. Stratix III devices are offered in both commercial and industrial grades. Commercial devices are offered in –2 (fastest), –3, –4, and –4L speed grades. Industrial devices are offered only in –3, –4, and –4L speed grades. 1 In this chapter, a prefix associated with the operating temperature range is attached to the speed grades; commercial with a “C” prefix and industrial with an “I” prefix. For example, commercial devices are indicated as C2, C3, C4, and C4L per respective speed grades. Industrial devices are indicated as I3, I4, and I4L. Absolute Maximum Ratings Absolute maximum ratings define the maximum operating conditions for Stratix III devices. The values are based on experiments conducted with the device and theoretical modeling of breakdown and damage mechanisms. The functional operation of the device is not implied at these conditions. Conditions beyond those listed in Table 1–1 may cause permanent damage to the device. Additionally, device operation at the absolute maximum ratings for extended periods may have adverse effects on the device. Table 1–1. Absolute Maximum Ratings for Stratix III Devices (Note 1) (Part 1 of 2) Symbol Parameter Minimum Maximum Unit V CCL Selectable core voltage power supply -0.5 1.65 V V CC I/O registers power supply -0.5 1.65 V V CCD_PLL Phase-locked loop (PLL) digital power supply -0.5 1.65 V V CCA_PLL PLL analog power supply -0.5 3.75 V V CCPT Programmable power technology power supply -0.5 3.75 V V CCPGM Configuration pins power supply -0.5 3.9 V V CCPD I/O pre-driver power supply -0.5 3.9 V V CCIO I/O power supply -0.5 3.9 V SIII52001-2.3 |
Similar Part No. - EP3SE50 |
|
Similar Description - EP3SE50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |