Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGD4169F Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTGD4169F
Description  Power MOSFET and Schottky Diode 30 V, 2.9 A, N?묬hannel with Schottky Barrier Diode, TSOP??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD4169F Datasheet(HTML) 1 Page - ON Semiconductor

  NTGD4169F Datasheet HTML 1Page - ON Semiconductor NTGD4169F Datasheet HTML 2Page - ON Semiconductor NTGD4169F Datasheet HTML 3Page - ON Semiconductor NTGD4169F Datasheet HTML 4Page - ON Semiconductor NTGD4169F Datasheet HTML 5Page - ON Semiconductor NTGD4169F Datasheet HTML 6Page - ON Semiconductor NTGD4169F Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2008
May, 2008 − Rev. 1
1
Publication Order Number:
NTGD4169F/D
NTGD4169F
Power MOSFET and
Schottky Diode
30 V, 2.9 A, N−Channel with Schottky
Barrier Diode, TSOP−6
Features
Fast Switching
Low Gate Change
Low RDS(on)
Low VF Schottky Diode
Independently Connected Devices to Provide Design Flexibility
This is a Pb−Free Device
Applications
DC−DC Converters
Portable Devices like PDA’s, Cellular Phones, and Hard Drives
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±12
V
N−Channel
Continuous Drain
Current (Note 1)
Steady State
TA = 25°C
TA = 85°C
ID
2.6
1.9
A
t ≤ 5 s
TA = 25°C
2.9
Power Dissipation
(Note 1)
Steady State
TA = 25°C
PD
0.9
W
t ≤ 5 s
1.1
Pulsed Drain Current
tp = 10 ms
IDM
8.6
A
Operating Junction and Storage Temperature
TJ, TSTG
−25 to
150
°C
Source Current (Body Diode)
IS
0.9
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
SCHOTTKY MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
30
V
DC Blocking Voltage
VR
30
V
Average Rectified Forward Current
IF
1
A
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Ambient – Steady State (Note
1)
RqJA
140
°C/W
Junction−to−Ambient – t ≤ 5 s (Note 1)
RqJA
110
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[1 oz] including traces).
http://onsemi.com
N−Channel MOSFET
Schottky Diode
30 V
30 V
125 mW @ 2.5 V
90 mW @ 4.5 V
1.0 A
RDS(on) Max
0.53 V
ID Max
V(BR)DSS
N−CHANNEL MOSFET
SCHOTTKY DIODE
VR Max
IF Max
VF Max
2.6 A
2.2 A
K
A
TD = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
TSOP−6
CASE 318G
STYLE 15
MARKING
DIAGRAM
TD MG
G
1
1
1
2
3
6
5
4
A
S
G
K
N/C
D
(Top View)
PIN CONNECTION
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
G
S
D


Similar Part No. - NTGD4169F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD4161P ONSEMI-NTGD4161P Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGD4161PT1G ONSEMI-NTGD4161PT1G Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTGD4161PT1G VBSEMI-NTGD4161PT1G Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGD4167C ONSEMI-NTGD4167C Datasheet
135Kb / 10P
   Power MOSFET Complementary, 30 V, 2.9/??.2 A, TSOP?? Dual
December, 2008 ??Rev. 1
More results

Similar Description - NTGD4169F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGD3147F ONSEMI-NTGD3147F Datasheet
115Kb / 7P
   Power MOSFET and Schottky Diode??0 V, ??.5 A, P?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 0
NTLUF4189NZ ONSEMI-NTLUF4189NZ Datasheet
154Kb / 8P
   Power MOSFET and Schottky Diode 30 V, N?묬hannel with 0.5 A Schottky Barrier Diode, 1.6 x 1.6 x 0.55 mm Cool Package
March, 2009 ??Rev. 1
NTLGF3402P ONSEMI-NTLGF3402P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
NTGS4141N ONSEMI-NTGS4141N Datasheet
68Kb / 5P
   Power MOSFET 30 V, 7.0 A, Single N?묬hannel, TSOP??
February, 2006 ??Rev. 1
NTMD4184PF ONSEMI-NTMD4184PF Datasheet
103Kb / 7P
   Power MOSFET and Schottky Diode -30 V, -4.0 A, Single P-Channel with 20 V, 2.2 A, Schottky Barrier Diode
March, 2008 - Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NTLJD3182FZ ONSEMI-NTLJD3182FZ Datasheet
134Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
NTGD4167C ONSEMI-NTGD4167C Datasheet
135Kb / 10P
   Power MOSFET Complementary, 30 V, 2.9/??.2 A, TSOP?? Dual
December, 2008 ??Rev. 1
NSR20306NXT5G ONSEMI-NSR20306NXT5G Datasheet
62Kb / 5P
   2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
   1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com