Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD6600NT4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD6600NT4G
Description  Power MOSFET 100 V, 12 A, N?묬hannel, Logic Level DPAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD6600NT4G Datasheet(HTML) 4 Page - ON Semiconductor

  NTD6600NT4G Datasheet HTML 1Page - ON Semiconductor NTD6600NT4G Datasheet HTML 2Page - ON Semiconductor NTD6600NT4G Datasheet HTML 3Page - ON Semiconductor NTD6600NT4G Datasheet HTML 4Page - ON Semiconductor NTD6600NT4G Datasheet HTML 5Page - ON Semiconductor NTD6600NT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTD6600N
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
25
50
75
100
125
150
175
0.1
1.0
10
100
1000
0.1
1.0
10
100
1000
0
2
4
6
8
0
2
4
6
8
10
12
14
16
18
0
10
20
30
40
50
60
70
80
90
100
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
1
1000
100
1
10
100
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
RG, GATE RESISTANCE (W)
Figure 10. Diode Forward Voltage versus
Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
DRAIN−TO−SOURCE VOLTAGE (V)
ID = 12 A
TJ = 25°C
Q2
Q1
VGS
QT
VDS = 80 V
ID = 6 A
VGS = 5 V
tr
td(off)
td(on)
tf
VGS = 0 V
TJ = 25°C
VDS = 0 V
VGS = 0 V
Crss
Coss
Ciss
10
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms
0
250
500
750
1000
1250
1500
10
5
0
5
1015
2025
Crss
Ciss
VGS
VDS
VDS
2
4
6
8
10
12
0
0.25
0.5
0.75
1.0
Figure 12. Maximum Avalanche Energy
versus Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 12 A
0


Similar Part No. - NTD6600NT4G

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
NTD60 EDI-NTD60 Datasheet
35Kb / 2P
   HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
logo
ON Semiconductor
NTD600N80S3Z ONSEMI-NTD600N80S3Z Datasheet
333Kb / 9P
   MOSFET ??Power, N-Channel, SUPERFET III 800 V, 600 m, 8 A
December, 2020 ??Rev. 0
NTD60N02R ONSEMI-NTD60N02R Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
NTD60N02R ONSEMI-NTD60N02R Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD60N02R-001 ONSEMI-NTD60N02R-001 Datasheet
81Kb / 8P
   Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10
More results

Similar Description - NTD6600NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD3055-094T4G ONSEMI-NVD3055-094T4G Datasheet
135Kb / 9P
   Power MOSFET 12 A, 60 V, N?묬hannel DPAK / IPAK
April, 2013 ??Rev. 8
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD4302 ONSEMI-NTD4302_10 Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4302T4G ONSEMI-NTD4302T4G Datasheet
118Kb / 7P
   Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com