Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGS3441BT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTGS3441BT1G
Description  Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3441BT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTGS3441BT1G Datasheet HTML 1Page - ON Semiconductor NTGS3441BT1G Datasheet HTML 2Page - ON Semiconductor NTGS3441BT1G Datasheet HTML 3Page - ON Semiconductor NTGS3441BT1G Datasheet HTML 4Page - ON Semiconductor NTGS3441BT1G Datasheet HTML 5Page - ON Semiconductor NTGS3441BT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTGS3441B
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
20
4
16
12
5
3
2
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
8
4
0
1
Figure 1. On-Region Characteristics
0.5
20
16
1.5
1
12
4
0
2
2.5
Figure 2. Transfer Characteristics
-VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
1.5
3
0.12
2.5
4
0.30
0.00
5
Figure 3. On-Resistance vs. Gate-to-Source
Voltage
-VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
020
16
12
0.18
0.12
Figure 4. On-Resistance vs. Drain Current and
Gate Voltage
-ID, DRAIN CURRENT (AMPS)
-50
0
-25
25
1.4
1.2
1.0
0.8
0.7
50
125
100
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
VGS = -4.5 V
-2.5 V
-2 V
-1.5 V
-3.5 V
2
3.5
TJ = 25°C
TJ = 125°C
TJ = -55°C
ID = -3 A
TJ = 25°C
VDS = -5 V
0.30
0.00
75
150
TJ = 25°C
VGS = -2.5 V
VGS = -4.5 V
ID = -3 A
VGS = -4.5 V
Figure 6. Capacitance Variation
1
0.06
8
4
1.5
1.3
1.1
0.9
48
2
010
600
400
200
0
20
-VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
f = 1 MHz
Coss
Ciss
Crss
4.5
0.06
0.18
0.24
0.24
1000
800
6
-3 V
-4 V
8
3
12
14
16
18


Similar Part No. - NTGS3441BT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441 ONSEMI-NTGS3441 Datasheet
110Kb / 6P
   Power MOSFET 1 Amp, 20 Volts, P?묬hannel TSOP??
October, 2012 ??Rev. 6
NTGS3441P ONSEMI-NTGS3441P Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3441P ONSEMI-NTGS3441P Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTGS3441PT1G ONSEMI-NTGS3441PT1G Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
logo
VBsemi Electronics Co.,...
NTGS3441PT1G VBSEMI-NTGS3441PT1G Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3441BT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
   Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGD3149C ONSEMI-NTGD3149C Datasheet
126Kb / 8P
   Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
   Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com