Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGS3443B Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTGS3443B
Description  Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3443B Datasheet(HTML) 2 Page - ON Semiconductor

  NTGS3443B Datasheet HTML 1Page - ON Semiconductor NTGS3443B Datasheet HTML 2Page - ON Semiconductor NTGS3443B Datasheet HTML 3Page - ON Semiconductor NTGS3443B Datasheet HTML 4Page - ON Semiconductor NTGS3443B Datasheet HTML 5Page - ON Semiconductor NTGS3443B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTGS3443B
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction-to-Ambient – Steady State (Note 3)
RqJA
100
°C/W
Junction-to-Ambient – t
v 5 s (Note 3)
RqJA
80
Junction-to-Ambient – Steady State (Note 4)
RqJA
190
3. Surface-mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface-mounted on FR4 board using the minimum recommended pad size (Cu area = 0.0775 in sq).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 mA
-20
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = -250 mA, Reference 25°C
-15
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = -20 V
TJ = 25°C
-1.0
mA
TJ = 70°C
-5.0
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±12 V
$0.1
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250 mA
-0.6
-1.4
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
3.3
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = -4.5 V, ID = -3.7 A
45
60
m
W
VGS = -2.7 V, ID = -3.1 A
65
90
VGS = -2.5 V, ID = -3.0 A
70
100
Forward Transconductance
gFS
VDS = -10 V, ID =-3.7 A
7.0
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = -10 V
819
pF
Output Capacitance
COSS
157
Reverse Transfer Capacitance
CRSS
103
Total Gate Charge
QG(TOT)
VGS = -4.5 V, VDS = -10 V;
ID = -3.7 A
8.0
11
nC
Threshold Gate Charge
QG(TH)
0.6
Gate-to-Source Charge
QGS
1.7
Gate-to-Drain Charge
QGD
2.4
Gate Resistance
RG
11
W
SWITCHING CHARACTERISTICS (Note 6)
Turn-On Delay Time
td(ON)
VGS = -4.5 V, VDD = -10 V,
ID = -1.0 A, RG = 6.0 W
10
15
ns
Rise Time
tr
7.0
11
Turn-Off Delay Time
td(OFF)
47
70
Fall Time
tf
25
40
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = -1.7 A
TJ = 25°C
-0.8
-1.2
V
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = -1.7 A
15
30
ns
5. Pulse Test: pulse width
v 300 ms, duty cycle v 2%
6. Switching characteristics are independent of operating junction temperatures


Similar Part No. - NTGS3443B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3443 ONSEMI-NTGS3443 Datasheet
111Kb / 6P
   Power MOSFET 4.4 Amps, 20 Volts
December, 2012 ??Rev. 5
NTGS3443T1 ONSEMI-NTGS3443T1 Datasheet
69Kb / 6P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
December, 2003 ??Rev. 2
NTGS3443T1/D ONSEMI-NTGS3443T1/D Datasheet
69Kb / 6P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
December, 2003 ??Rev. 2
NTGS3443T1G ONSEMI-NTGS3443T1G Datasheet
69Kb / 6P
   Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
December, 2003 ??Rev. 2
NTGS3443T1G ONSEMI-NTGS3443T1G Datasheet
111Kb / 6P
   Power MOSFET 4.4 Amps, 20 Volts
December, 2012 ??Rev. 5
More results

Similar Description - NTGS3443B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
   Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
   Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
   Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com