Electronic Components Datasheet Search |
|
TXS0104EYZTR Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TXS0104EYZTR Datasheet(HTML) 9 Page - Texas Instruments |
9 / 24 page Switching Characteristics PRINCIPLES OF OPERATION Applications Architecture TXS0104E www.ti.com............................................................................................................................................................... SCES651D – JUNE 2006 – REVISED MAY 2008 over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted) VCCB = 3.3 V VCCB = 5 V FROM TO TEST ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) CONDITIONS MIN MAX MIN MAX Push-pull driving 2.4 3.1 tPHL Open-drain driving 1.3 4.2 1.4 4.6 A B ns Push-pull driving 4.2 4.4 tPLH Open-drain driving 36 204 28 165 Push-pull driving 2.5 3.3 tPHL Open-drain driving 1 124 1 97 B A ns Push-pull driving 2.5 2.6 tPLH Open-drain driving 3 139 3 105 ten OE A or B 200 200 ns tdis OE A or B 40 35 ns Push-pull driving 2.3 5.6 1.9 4.8 trA A-port rise time ns Open-drain driving 25 116 19 85 Push-pull driving 2.5 6.4 2.1 7.4 trB B-port rise time ns Open-drain driving 26 116 14 72 Push-pull driving 2 5.4 1.9 5 tfA A-port fall time ns Open-drain driving 4.3 6.1 4.2 5.7 Push-pull driving 2.3 7.4 2.4 7.6 tfB B-port fall time ns Open-drain driving 5 7.6 4.8 8.3 tSK(O) Channel-to-channel skew 1 1 ns Push-pull driving 24 24 Max data rate Mbps Open-drain driving 2 2 The TXS0104E can be used in level-translation applications for interfacing devices or systems operating at different interface voltages with one another. The TXS0104E is ideal for use in applications where an open-drain driver is connected to the data I/Os. The TXS0104E can also be used in applications where a push-pull driver is connected to the data I/Os, but the TXB0104 might be a better option for such push-pull applications. The TXS0104E architecture (see Figure 1) does not require a direction-control signal to control the direction of data flow from A to B or from B to A. Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TXS0104E |
Similar Part No. - TXS0104EYZTR |
|
Similar Description - TXS0104EYZTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |