Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4108NT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS4108NT1G
Description  Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4108NT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS4108NT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4108NT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4108NT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4108NT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4108NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTMFS4108N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
TJ = 125°C
0
10
2
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0
Figure 1. On-Region Characteristics
3
10
0
Figure 2. Transfer Characteristics
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 3. On-Resistance vs. Gate-to-Source
Voltage
Figure 4. On-Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
-50
0
-25
25
1.5
1.7
1.1
0.9
0.7
50
150
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
TJ = -55°C
75
TJ = 25°C
ID = 10 A
VGS = 10 V
TJ = 25°C
VGS = 10 V
10
Figure 6. Drain-to-Source Leakage Current
vs. Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
21
VGS = 0 V
TJ = 150°C
TJ = 100°C
3.0 V
3.2 V
VGS = 4.5 V
VDS ≥ 10 V
12
27
2.9 V
4
30
40
VGS = 4 V to 10 V
20
40
125
100
5
10
0.006
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
0.002
0.003
0.004
0.007
26
0.001
4
0.003
0.001
0.0035
0.002
0.0015
0.0025
1000
3
610
12
530
10
15
1.3
15
20
4
100000
3.4 V
3.5 V
0.005
825
20
30
30
ID = 10 A
TJ = 25°C
0
0.0005
10000
100
24
18
69
8
3.1 V
3.3 V
1.4
1.6
1.0
0.8
1.2


Similar Part No. - NTMFS4108NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4119N ONSEMI-NTMFS4119N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4119NT1G ONSEMI-NTMFS4119NT1G Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4119NT3G ONSEMI-NTMFS4119NT3G Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4120NT1G ONSEMI-NTMFS4120NT1G Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
More results

Similar Description - NTMFS4108NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4119N ONSEMI-NTMFS4119N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4122N ONSEMI-NTMFS4122N Datasheet
89Kb / 5P
   Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 4
NTMFS4121N ONSEMI-NTMFS4121N Datasheet
94Kb / 6P
   Power MOSFET 30 V, 29 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
NTMFS4945N ONSEMI-NTMFS4945N Datasheet
145Kb / 7P
   Power MOSFET 30 V, 35 A, Single N?묬hannel, SO?? FL
September, 2009 ??Rev. 1
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com