Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4108NT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTMFS4108NT3G
Description  Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4108NT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NTMFS4108NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4108NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4108NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4108NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4108NT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTMFS4108N
http://onsemi.com
5
PACKAGE DIMENSIONS
DFN6 5x6, 1.27P (SO8 FL)
CASE 488AA-01
ISSUE C
STYLE 1:
PIN 1. SOURCE
2. SOURCE
3. SOURCE
4. GATE
5. DRAIN
6. DRAIN
M
3.00
3.40
q
0
---
_
3.80
12
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION D1 AND E1 DO NOT INCLUDE
MOLD FLASH PROTRUSIONS OR GATE
BURRS.
12
3
4
5
6
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D1
E1
q
D
E
2
2
B
A
0.20 C
0.20 C
2 X
2 X
DIM
MIN
NOM
MILLIMETERS
A
0.90
1.00
A1
0.00
---
b
0.33
0.41
c
0.23
0.28
D
5.15 BSC
D1
4.50
4.90
D2
3.50
---
E
6.15 BSC
E1
5.50
5.80
E2
3.45
---
e
1.27 BSC
G
0.51
0.61
K
0.51
---
L
0.51
0.61
L1
0.05
0.17
A
0.10 C
0.10 C
DETAIL A
14
6
L1
e/2
8X
D2
G
E2
K
b
A
0.10
B
C
0.05
c
L
DETAIL A
A1
e
3 X
c
4 X
C
SEATING
PLANE
5
MAX
1.10
0.05
0.51
0.33
5.10
4.22
6.10
4.30
0.71
---
0.71
0.20
M
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.270
2X
0.750
1.000
0.905
0.475
4.530
1.530
4.560
0.495
3.200
1.330
0.965
2X
2X
3X
4X
4X
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NTMFS4108N/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800-282-9855 Toll Free
 USA/Canada
Europe, Middle East and Africa Technical Support:
 Phone: 421 33 790 2910
Japan Customer Focus Center
 Phone: 81-3-5773-3850
LITERATURE FULFILLMENT:
 Literature Distribution Center for ON Semiconductor
 P
.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTMFS4108NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4119N ONSEMI-NTMFS4119N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4119NT1G ONSEMI-NTMFS4119NT1G Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4119NT3G ONSEMI-NTMFS4119NT3G Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4120NT1G ONSEMI-NTMFS4120NT1G Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
More results

Similar Description - NTMFS4108NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4119N ONSEMI-NTMFS4119N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4122N ONSEMI-NTMFS4122N Datasheet
89Kb / 5P
   Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 4
NTMFS4121N ONSEMI-NTMFS4121N Datasheet
94Kb / 6P
   Power MOSFET 30 V, 29 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
NTMFS4945N ONSEMI-NTMFS4945N Datasheet
145Kb / 7P
   Power MOSFET 30 V, 35 A, Single N?묬hannel, SO?? FL
September, 2009 ??Rev. 1
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com