Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0108E_101 Datasheet(PDF) 10 Page - Texas Instruments

Part # TXS0108E_101
Description  8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0108E_101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TXS0108E_101 Datasheet HTML 6Page - Texas Instruments TXS0108E_101 Datasheet HTML 7Page - Texas Instruments TXS0108E_101 Datasheet HTML 8Page - Texas Instruments TXS0108E_101 Datasheet HTML 9Page - Texas Instruments TXS0108E_101 Datasheet HTML 10Page - Texas Instruments TXS0108E_101 Datasheet HTML 11Page - Texas Instruments TXS0108E_101 Datasheet HTML 12Page - Texas Instruments TXS0108E_101 Datasheet HTML 13Page - Texas Instruments TXS0108E_101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SWITCHING CHARACTERISTICS
TXS0108E
SCES642B – DECEMBER 2007 – REVISED SEPTEMBER 2008 ..................................................................................................................................... www.ti.com
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
Push-pull driving
5
4
3.7
tPHL
Open-drain driving
2.4
6.9
2.3
6.3
2.2
5.8
A
B
ns
Push-pull driving
5.2
4.3
3.9
tPLH
Open-drain driving
149
592
125
488
93
368
Push-pull driving
5.4
4.7
4.2
tPHL
Open-drain driving
2.5
7.3
2.2
6
1.8
4.9
B
A
ns
Push-pull driving
5.9
4.4
3.5
tPLH
Open-drain driving
150
595
126
481
94
345
ten
OE
A or B
200
200
200
ns
Push-pull driving
tdis
OE
A or B
15.7
12.9
11.2
ns
Push-pull driving
2
7.3
2.1
6.4
2.2
5.8
trA
A-port rise time
ns
Open-drain driving
110
692
93
529
68
369
Push-pull driving
1.8
6.5
1.3
5.1
0.7
3.4
trB
B-port rise time
ns
Open-drain driving
107
693
79
483
41
304
Push-pull driving
1.5
5.7
1.2
4.7
1.3
3.8
tfA
A-port fall time
Open-drain driving
1.5
5.6
1.2
4.7
1.1
4
ns
Push-pull driving
1.4
5.4
0.9
4.1
0.7
3
tfB
B-port fall time
Open-drain driving
0.4
14.2
0.5
19.4
0.4
3
tSK(O)
Channel-to-channel skew
Push-pull driving
1
1.2
1
ns
Push-pull driving
60
60
60
Max data rate
A or B
Mbps
Open-drain driving
2
2
2
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TXS0108E


Similar Part No. - TXS0108E_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0108E_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
844Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com