Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4121NT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4121NT3G
Description  Power MOSFET 30 V, 29 A, Single N-Channel, SO-8 Flat Lead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4121NT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4121NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4121NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4121NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4121NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4121NT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4121NT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTMFS4121N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
21
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
7.4
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = 10 V, ID = 24 A
4.2
5.25
m
W
VGS = 4.5 V, ID = 21 A
5.5
7.0
Forward Transconductance
gFS
VDS = 15 V, ID = 24 A
20
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz, VDS = 24 V
2700
pF
Output Capacitance
COSS
480
Reverse Transfer Capacitance
CRSS
290
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V, ID = 21 A
24
40
nC
Threshold Gate Charge
QG(TH)
3.0
Gate-to-Source Charge
QGS
7.3
Gate-to-Drain Charge
QGD
10.2
Gate Resistance
RG
1.5
W
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 4)
Turn-On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 1.0 A, RL = 15 W, RG = 3.0 W
16
ns
Rise Time
tr
29
Turn-Off Delay Time
td(OFF)
32
Fall Time
tf
31
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 6.0 A
TJ = 25°C
0.8
1.0
V
TJ = 125°C
0.6
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 6.0 A
34
ns
Charge Time
ta
18
Discharge Time
tb
16
Reverse Recovery Charge
QRR
25.4
nC
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMFS4121NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4120NT1G ONSEMI-NTMFS4120NT1G Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4120NT3G ONSEMI-NTMFS4120NT3G Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4122N ONSEMI-NTMFS4122N Datasheet
89Kb / 5P
   Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 4
NTMFS4122NT1G ONSEMI-NTMFS4122NT1G Datasheet
89Kb / 5P
   Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 4
More results

Similar Description - NTMFS4121NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4119N ONSEMI-NTMFS4119N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 30 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 5
NTMFS4120N ONSEMI-NTMFS4120N Datasheet
95Kb / 6P
   Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 3
NTMFS4122N ONSEMI-NTMFS4122N Datasheet
89Kb / 5P
   Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead
July, 2007 - Rev. 4
NTMFS4108N ONSEMI-NTMFS4108N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 35 A, Single N-Channel, SO-8 Flat Lead Package
July, 2007 - Rev. 5
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
   Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
   Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com