Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4709NT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTMFS4709NT3G
Description  Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4709NT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NTMFS4709NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4709NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4709NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4709NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4709NT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4709NT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTMFS4709N
http://onsemi.com
5
0
1000
2000
3000
4000
10
5
0
5
10
152025
VGS = 0 V
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
VDS = 0 V
CISS
CISS
COSS
CRSS
CRSS
TJ = 25°C
VGS
VDS
0
2
4
6
8
10
010
20
30
40
50
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate-to-Source and
Drain-to-Source Voltage versus Total Charge
QT
Qgd
Qgs
ID = 30 A
TJ = 25°C
1
10
100
1
10
100
tr
td(on)
td(off)
tf
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
VDD = 15 V
ID = 30 A
VGS = 11.5 V
0
10
20
30
0.2
0.4
1
VSD, SOURCE-TO-DRAIN VOLTAGE (V)
Figure 10. Diode Forward Voltage versus
Current
VGS = 0 V
TJ = 25°C
0
100
200
300
400
500
600
700
25
50
75
100
125
150
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 11. Maximum Avalanche Energy versus
Starting Junction Temperature
ID = 36 A
12
1000
0.6
0.8
0


Similar Part No. - NTMFS4709NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4701NT1G ONSEMI-NTMFS4701NT1G Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4701NT3G ONSEMI-NTMFS4701NT3G Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMFS4707N ONSEMI-NTMFS4707N Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
NTMFS4707NT1G ONSEMI-NTMFS4707NT1G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NTMFS4709NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4708N ONSEMI-NTMFS4708N Datasheet
98Kb / 5P
   Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
   Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
   Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
NTMS4176P ONSEMI-NTMS4176P Datasheet
91Kb / 5P
   Power MOSFET -30 V, -9.6 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com