Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4744N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS4744N
Description  Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4744N Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS4744N Datasheet HTML 1Page - ON Semiconductor NTMFS4744N Datasheet HTML 2Page - ON Semiconductor NTMFS4744N Datasheet HTML 3Page - ON Semiconductor NTMFS4744N Datasheet HTML 4Page - ON Semiconductor NTMFS4744N Datasheet HTML 5Page - ON Semiconductor NTMFS4744N Datasheet HTML 6Page - ON Semiconductor NTMFS4744N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTMFS4744N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
10 V
10
0.020
30
0.004
0
1.4
1.0
0.6
100
1000
05
16
2
1
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
2.6
0.1
3
0.04
0
3.4
Figure 3. On-Resistance vs. Gate-to-Source
Voltage
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 4. On-Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (AMPS)
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain-to-Source Leakage Current
vs. Drain Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
-50
50
25
0
-25
75
125
100
23
18
12
30
0
3
TJ = 25°C
TJ = -55°C
TJ = 125°C
ID = 9 A
VGS = 10 V
TJ = 85°C
TJ = 125°C
24
0
45
TJ = 25°C
24
0.1
3 V
1.8
6
10
4
1
0
50
0.012
4.5 V
2.4 V
2.6 V
2.8 V
24
8
32
16
32
8
TJ = 125°C
3.8
4.2
4.6
0.02
0.06
0.08
25
5
VGS = 10 V
150
1
3.5 V
TJ = 25°C
0.016
15
20
TJ = -55°C
0.008
1.2
0.8
1.6
6
TJ = 25°C
ID = 30 A


Similar Part No. - NTMFS4744N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4747N ONSEMI-NTMFS4747N Datasheet
92Kb / 7P
   Single N-Channel Power MOSFET
July, 2007 - Rev. 3
NTMFS4747NT1G ONSEMI-NTMFS4747NT1G Datasheet
92Kb / 7P
   Single N-Channel Power MOSFET
July, 2007 - Rev. 3
NTMFS4747NT3G ONSEMI-NTMFS4747NT3G Datasheet
92Kb / 7P
   Single N-Channel Power MOSFET
July, 2007 - Rev. 3
More results

Similar Description - NTMFS4744N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4939N ONSEMI-NTMFS4939N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 53 A, Single N?묬hannel, SO?? FL
September, 2009 ??Rev. 2
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
   MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
   Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
   Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
   MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NTMFS4931N ONSEMI-NTMFS4931N Datasheet
123Kb / 7P
   Power MOSFET 30 V, 246 A, Single N.Channel, SO.8 FL
May, 2012 ??Rev. 0
NTMFS4837NH ONSEMI-NTMFS4837NH Datasheet
142Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4851N ONSEMI-NTMFS4851N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 66 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4897NF ONSEMI-NTMFS4897NF Datasheet
143Kb / 6P
   Power MOSFET 30 V, 171 A, Single N?묬hannel, SO?? FL
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com