Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28950PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950PWR
Description  Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950PWR Datasheet(HTML) 4 Page - Texas Instruments

  UCC28950PWR Datasheet HTML 1Page - Texas Instruments UCC28950PWR Datasheet HTML 2Page - Texas Instruments UCC28950PWR Datasheet HTML 3Page - Texas Instruments UCC28950PWR Datasheet HTML 4Page - Texas Instruments UCC28950PWR Datasheet HTML 5Page - Texas Instruments UCC28950PWR Datasheet HTML 6Page - Texas Instruments UCC28950PWR Datasheet HTML 7Page - Texas Instruments UCC28950PWR Datasheet HTML 8Page - Texas Instruments UCC28950PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
UCC28950
SLUSA16A – MARCH 2010 – REVISED JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
VDD = 12 V, TA = TJ = -40°C to 125°C, CVDD = 1 µF, CREF = 1 µF, RAB = 22.6 kΩ, RCD = 22.6 kΩ , REF = 13.3 kΩ, RSUM = 124
k
Ω, RMIN = 88.7 kΩ, RT = 59 kΩ connected between RT pin and 5-V voltage supply to set FSW = 100 kHz (FOSC = 200 kHz)
(unless otherwise noted). All component designations are from the Typical Application Diagram.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Error Amplifier
VICM range ensures parameters, the functionality
Common mode input voltage
VICM
ensured for 3.6 V < VICM < VREF + 0.4 V, and -0.4
0.5
3.6
V
range
V < VICM < 0.5 V
VIO
Offset voltage
- 7
7
mV
IBIAS
Input bias current
-1
1
µA
EAHIGH
High-level output voltage
(EA+) - (EA-) = 500 mV, IEAOUT = -0.5 mA
3.9
4.25
V
EALOW
Low-level output voltage
(EA+) - (EA-) = -500 mV, IEAOUT = 0.5 mA
0.25
0.35
ISOURCE
Error amplifier source current
-8
-3.75
-0.5
mA
ISINK
Error amplifier sink current
2.7
4.6
5.75
IVOL
Open-loop dc gain
100
dB
GBW
Unity gain bandwidth(2)
3
MHz
Cycle-by-Cycle Current Limit
CS pin cycle-by-cycle
VCS_LIM
1.94
2
2.06
V
threshold
Propagation delay from CS to
Input pulse between CS and GND from zero to 2.5
TCS
100
ns
OUTC and OUTD outputs
V
Internal Hiccup Mode Settings
Discharge current to set
IDS
cycle-by-cycle current limit
CS = 2.5 V, VSS = 4 V
15
20
25
µA
duration
VHCC
Hiccup OFF Time threshold
3.2
3.6
4.2
V
Discharge current to set
IHCC
1.90
2.55
3.2
µA
Hiccup Mode OFF Time
Soft Start/Enable
ISS
Charge current
VSS = 0 V
20
25
30
µA
Shutdown/restart/reset
VSS_STD
0.25
0.50
0.70
threshold
V
VSS_PU
Pull up threshold
3.3
3.7
4.3
VSS_CL
Clamp voltage
4.20
4.65
4.95
(2)
Verified during characterization only.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC28950


Similar Part No. - UCC28950PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950PWR TI-UCC28950PWR Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PWR TI-UCC28950PWR Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PWR TI1-UCC28950PWR Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
More results

Similar Description - UCC28950PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com