Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4839NT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTMFS4839NT3G
Description  Power MOSFET 30 V, 66 A, Single N?묬hannel, SO??FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4839NT3G Datasheet(HTML) 3 Page - ON Semiconductor

  NTMFS4839NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4839NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4839NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4839NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4839NT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4839NT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTMFS4839N
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 30 A
TJ = 25°C
0.9
1.2
V
TJ = 125°C
0.8
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 30 A
22.2
ns
Charge Time
ta
12.5
Discharge Time
tb
9.7
Reverse Recovery Charge
QRR
10.8
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA = 25°C
0.93
nH
Drain Inductance
LD
0.005
nH
Gate Inductance
LG
1.84
nH
Gate Resistance
RG
3.3
W
5. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.
0
10
20
30
40
50
60
70
80
90
0
123
4
567
8
VGS = 3.0 V
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
3.5 V
4.0 V
4.2 V
4.4 V
4.6 V
6.0 V
TJ = 25°C
0
10
20
30
40
50
60
70
80
90
123
4
56
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
TC = 25°C
TC = −55°C
TC = 125°C
0.004
0.006
0.008
0.01
0.012
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5 11.5
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID = 30 A
TJ = 25°C
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
10
15
20
25
30
35
40
VGS = 11.5 V
VGS = 4.5 V
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Temperature


Similar Part No. - NTMFS4839NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4839NH ONSEMI-NTMFS4839NH Datasheet
144Kb / 7P
   Power MOSFET 30 V, 64 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4839NHT1G ONSEMI-NTMFS4839NHT1G Datasheet
144Kb / 7P
   Power MOSFET 30 V, 64 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4839NHT3G ONSEMI-NTMFS4839NHT3G Datasheet
144Kb / 7P
   Power MOSFET 30 V, 64 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
More results

Similar Description - NTMFS4839NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4851N ONSEMI-NTMFS4851N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 66 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com