Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2803ADW Datasheet(PDF) 1 Page - Texas Instruments

Part # ULN2803ADW
Description  DARLINGTON TRANSISTOR ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2803ADW Datasheet(HTML) 1 Page - Texas Instruments

  ULN2803ADW Datasheet HTML 1Page - Texas Instruments ULN2803ADW Datasheet HTML 2Page - Texas Instruments ULN2803ADW Datasheet HTML 3Page - Texas Instruments ULN2803ADW Datasheet HTML 4Page - Texas Instruments ULN2803ADW Datasheet HTML 5Page - Texas Instruments ULN2803ADW Datasheet HTML 6Page - Texas Instruments ULN2803ADW Datasheet HTML 7Page - Texas Instruments ULN2803ADW Datasheet HTML 8Page - Texas Instruments ULN2803ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ULN2803A
DARLINGTON TRANSISTOR ARRAY
SLRS049E − FEBRUARY1997 − REVISED JULY 2006
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 500-mA Rated Collector Current (Single
Output)
D High-Voltage Outputs ...50 V
D Output Clamp Diodes
D Inputs Compatible With Various Types of
Logic
D Relay Driver Applications
D Compatible with ULN2800A Series
description/ordering information
The ULN2803A is a high-voltage, high-current
Darlington transistor array. The device consists of
eight
npn
Darlington
pairs
that
feature
high-voltage
outputs
with
common-cathode
clamp diodes for switching inductive loads. The
collector-current rating of each Darlington pair is
500 mA. The Darlington pairs may be connected
in parallel for higher current capability.
Applications include relay drivers, hammer drivers, lamp drivers, display drivers (LED and gas discharge), line
drivers, and logic buffers. The ULN2803A has a 2.7-k
Ω series base resistor for each Darlington pair for operation
directly with TTL or 5-V CMOS devices.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 20
ULN2803AN
ULN2803AN
−40
°C to 85°C
SOIC (DW)
Tube of 40
ULN2803ADW
ULN2803A
−40 C to 85 C
SOIC (DW)
Reel of 2000
ULN2803ADWR
ULN2803A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
1B
2B
3B
4B
5B
6B
7B
8B
GND
1C
2C
3C
4C
5C
6C
7C
8C
COM
DW OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - ULN2803ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2803ADW TI-ULN2803ADW Datasheet
240Kb / 10P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
ULN2803ADW TI-ULN2803ADW Datasheet
353Kb / 11P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
ULN2803ADWG4 TI-ULN2803ADWG4 Datasheet
353Kb / 11P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
ULN2803ADWR TI-ULN2803ADWR Datasheet
240Kb / 10P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
ULN2803ADWR TI-ULN2803ADWR Datasheet
353Kb / 11P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - ULN2803ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
   Darlington Transistor Array
logo
Texas Instruments
ULN2803A TI-ULN2803A Datasheet
240Kb / 10P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
List of Unclassifed Man...
FT5761M ETC1-FT5761M Datasheet
6Kb / 1P
   DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803A TI-ULN2803A_06 Datasheet
353Kb / 11P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
Fujitsu Component Limit...
FT5763M FUJITSU-FT5763M Datasheet
132Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
FT5754M FUJITSU-FT5754M Datasheet
135Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
FT5764M FUJITSU-FT5764M Datasheet
130Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803C TI-ULN2803C Datasheet
1Mb / 20P
[Old version datasheet]   ULN2803C Darlington Transistor Array
AUGUST 2022
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
   7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com