Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001IZGU Datasheet(PDF) 9 Page - Texas Instruments

Part # XIO2001IZGU
Description  PCI Express??to PCI Bus Translation Bridge
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IZGU Datasheet(HTML) 9 Page - Texas Instruments

Back Button XIO2001IZGU Datasheet HTML 5Page - Texas Instruments XIO2001IZGU Datasheet HTML 6Page - Texas Instruments XIO2001IZGU Datasheet HTML 7Page - Texas Instruments XIO2001IZGU Datasheet HTML 8Page - Texas Instruments XIO2001IZGU Datasheet HTML 9Page - Texas Instruments XIO2001IZGU Datasheet HTML 10Page - Texas Instruments XIO2001IZGU Datasheet HTML 11Page - Texas Instruments XIO2001IZGU Datasheet HTML 12Page - Texas Instruments XIO2001IZGU Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
XIO2001 PCI Express™ to PCI Bus Translation Bridge
Check for Samples: XIO2001
1
Introduction
1.1
Features
1
234
Prioritization Scheme
• Full ×1 PCI Express Throughput
• Two Package Options: 12 mm × 12 mm and 7
• Fully Compliant with PCI Express to PCI/PCI-X
mm × 7 mm
Bridge Specification, Revision 1.0
• Internal PCI Arbiter Supporting Up to 6 External
• Fully Compliant with PCI Express Base
PCI Masters
Specification, Revision 2.0
• Advanced PCI Express Message Signaled
• Fully Compliant with PCI Local Bus
Interrupt Generation for Serial IRQ Interrupts
Specification, Revision 2.3
• External PCI Bus Arbiter Option
• PCI Express Advanced Error Reporting
Capability Including ECRC Support
• PCI Bus LOCK Support
• Support for D1, D2, D3hot, and D3cold
• JTAG/BS for Production Test
• Active-State Link Power Management Saves
• PCI-Express CLKREQ Support
Power When Packet Activity on the PCI
• Clock Run and Power Override Support
Express Link is Idle, Using Both L0s and L1
• Six Buffered PCI Clock Outputs (25 MHz, 33
States
MHz, 50 MHz, or 66 MHz)
• Wake Event and Beacon Support
• PCI Bus Interface 3.3-V and 5.0-V (25 MHz or 33
• Error Forwarding Including PCI Express Data
MHz only at 5.0 V) Tolerance Options
Poisoning and PCI Bus Parity Errors
• Integrated AUX Power Switch Drains VAUX
• Utilizes 100-MHz Differential PCI Express
Power Only When Main Power Is Off
Common Reference Clock or 125-MHz
• Five 3.3-V, Multifunction, General-Purpose I/O
Single-Ended, Reference Clock
Terminals
• Optional Spread Spectrum Reference Clock is
• Memory-Mapped EEPROM Serial-Bus
Supported
Controller Supporting PCI Express Power
• Robust Pipeline Architecture To Minimize
Budget/Limit Extensions for Add-In Cards
Transaction Latency
• Compact Footprint, Lead-Free 144-Ball, ZAJ
• Full PCI Local Bus 66-MHz/32-Bit Throughput
MicroStar™ BGA, Lead-Free 169-Ball ZGU
• Support for Six Subordinate PCI Bus Masters
MicroStar BGA, and PowerPad™ HTQFP
with Internal Configurable, 2-Level
128-Pin PNP Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad, MicroStar are trademarks of Texas Instruments.
3
PCI Express is a trademark of PCI-SIG.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - XIO2001IZGU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2001IZGU TI-XIO2001IZGU Datasheet
1Mb / 128P
[Old version datasheet]   PCI Express??to PCI Bus Translation Bridge
XIO2001IZGU TI1-XIO2001IZGU Datasheet
2Mb / 141P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2001IZGU TI-XIO2001IZGU Datasheet
2Mb / 144P
[Old version datasheet]   XIO2001 PCI Express to PCI Bus Translation Bridge
XIO2001IZGUR TI1-XIO2001IZGUR Datasheet
2Mb / 141P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2001IZGUR TI-XIO2001IZGUR Datasheet
2Mb / 144P
[Old version datasheet]   XIO2001 PCI Express to PCI Bus Translation Bridge
More results

Similar Description - XIO2001IZGU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2000A TI1-XIO2000A_19 Datasheet
1Mb / 160P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
[Old version datasheet]   PCI Express??to PCI Bus Translation Bridge
logo
TEXAS ADVANCED OPTOELEC...
XIO2000A TAOS-XIO2000A_08 Datasheet
1Mb / 159P
   PCI Express to PCI Bus Translation Bridge
logo
Texas Instruments
XIO2001 TI1-XIO2001_16 Datasheet
2Mb / 141P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_V01 Datasheet
2Mb / 144P
[Old version datasheet]   XIO2001 PCI Express to PCI Bus Translation Bridge
XIO2000 TI-XIO2000 Datasheet
1Mb / 150P
[Old version datasheet]   XIO2000 PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
[Old version datasheet]   Express??to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A_V01 Datasheet
2Mb / 165P
[Old version datasheet]   XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com