Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4898NFT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4898NFT1G
Description  Power MOSFET 30 V, 117 A, Single N?묬hannel, SO??FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4898NFT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4898NFT1G Datasheet HTML 1Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 2Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 3Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 4Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 5Page - ON Semiconductor NTMFS4898NFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 − Rev. 2
1
Publication Order Number:
NTMFS4898NF/D
NTMFS4898NF
Power MOSFET
30 V, 117 A, Single N−Channel, SO−8FL
Features
Integrated Schottky Diode
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
CPU Power Delivery
DC−DC Converters
Low Side Switching
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
22.5
A
TA = 85°C
16.2
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.72
W
Continuous Drain
Current RqJA v
10 sec
TA = 25°C
ID
36.7
A
TA = 85°C
26.5
Power Dissipation
RqJA, t v 10 sec
TA = 25°C
PD
7.23
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
13.2
A
TA = 85°C
9.5
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.93
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
117
A
TC = 85°C
84.4
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
73.5
W
Pulsed Drain
Current
tp=10ms
TA = 25°C
IDM
234
A
Current limited by package
TA = 25°C
IDmaxpkg
100
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
92
A
Drain to Source dV/dt
dV/dt
6
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 V, VGS = 10 V,
IL = 39 Apk, L = 0.3 mH, RG = 25 W)
EAS
228
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
4898NF
AYWWG
G
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
3.0 mW @ 10 V
117 A
4.8 mW @ 4.5 V
N−CHANNEL MOSFET
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4898NFT1G
SO−8FL
(Pb−Free)
1500 /
Tape & Reel
NTMFS4898NFT3G
SO−8FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D
*For additional information on our Pb−Free strategy
and soldering details, please download the ON
Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
(Note: Microdot may be in either location)
G
S
D


Similar Part No. - NTMFS4898NFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4898NFT1G ONSEMI-NTMFS4898NFT1G Datasheet
144Kb / 6P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, SO??FL
June, 2010 ??Rev. 2
More results

Similar Description - NTMFS4898NFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4898NF ONSEMI-NTMFS4898NF_10 Datasheet
144Kb / 6P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, SO??FL
June, 2010 ??Rev. 2
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com