Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4899NF Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4899NF
Description  Power MOSFET 30 V, 75 A, Single N?묬hannel, SO?? FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4899NF Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4899NF Datasheet HTML 1Page - ON Semiconductor NTMFS4899NF Datasheet HTML 2Page - ON Semiconductor NTMFS4899NF Datasheet HTML 3Page - ON Semiconductor NTMFS4899NF Datasheet HTML 4Page - ON Semiconductor NTMFS4899NF Datasheet HTML 5Page - ON Semiconductor NTMFS4899NF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTMFS4899NF
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
2.6
°C/W
Junction−to−Ambient – Steady State (Note 1)
RqJA
46.3
Junction−to−Ambient – Steady State (Note 2)
RqJA
136.2
Junction−to−Ambient − t v 10 sec
RqJA
17.4
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size (50 mm2, 1 oz Cu).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 1.0 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
27
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25 °C
500
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 1.0 mA
1.5
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
10
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 30 A
3.9
5.0
mW
ID = 15 A
3.8
VGS = 4.5 V
ID = 30 A
6.0
7.5
ID = 15 A
5.8
Forward Transconductance
gFS
VDS = 1.5 V, ID = 15 A
57
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 12 V
1600
pF
Output Capacitance
COSS
360
Reverse Transfer Capacitance
CRSS
165
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
12.2
nC
Threshold Gate Charge
QG(TH)
1.6
Gate−to−Source Charge
QGS
4.6
Gate−to−Drain Charge
QGD
4.6
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V,
ID = 30 A
25
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
12.6
ns
Rise Time
tr
20.3
Turn−Off Delay Time
td(OFF)
20
Fall Time
tf
4.2
3. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMFS4899NF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4899NF ONSEMI-NTMFS4899NF Datasheet
119Kb / 7P
   Power MOSFET
September, 2012 ??Rev. 3
NTMFS4899NFT1G ONSEMI-NTMFS4899NFT1G Datasheet
119Kb / 7P
   Power MOSFET
September, 2012 ??Rev. 3
NTMFS4899NFT3G ONSEMI-NTMFS4899NFT3G Datasheet
119Kb / 7P
   Power MOSFET
September, 2012 ??Rev. 3
NTMFS4899NF ONSEMI-NTMFS4899NF_12 Datasheet
119Kb / 7P
   Power MOSFET
September, 2012 ??Rev. 3
More results

Similar Description - NTMFS4899NF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4837NH ONSEMI-NTMFS4837NH Datasheet
142Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 4
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com