Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4935N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMFS4935N
Description  Power MOSFET 30 V, 93 AAugust, 2009 ??Rev. 4, Single N?묬hannel, SO?? FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4935N Datasheet(HTML) 2 Page - ON Semiconductor

  NTMFS4935N Datasheet HTML 1Page - ON Semiconductor NTMFS4935N Datasheet HTML 2Page - ON Semiconductor NTMFS4935N Datasheet HTML 3Page - ON Semiconductor NTMFS4935N Datasheet HTML 4Page - ON Semiconductor NTMFS4935N Datasheet HTML 5Page - ON Semiconductor NTMFS4935N Datasheet HTML 6Page - ON Semiconductor NTMFS4935N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTMFS4935N
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
2.6
°C/W
Junction−to−Ambient – Steady State (Note 3)
RqJA
47.5
Junction−to−Ambient – Steady State (Note 4)
RqJA
134.8
Junction−to−Ambient – (t ≤ 10 s) (Note 3)
RqJA
14.4
3. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
4. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
15
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.2
1.63
2.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
4.0
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 30 A
2.7
3.2
mW
ID = 15 A
2.7
VGS = 4.5 V
ID = 30 A
3.7
4.2
ID = 15 A
3.7
Forward Transconductance
gFS
VDS = 1.5 V, ID = 15 A
32
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 15 V
3579
4850
pF
Output Capacitance
COSS
1264
1710
Reverse Transfer Capacitance
CRSS
39
59
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V; ID = 30 A
22
nC
Threshold Gate Charge
QG(TH)
5.6
Gate−to−Source Charge
QGS
10.2
Gate−to−Drain Charge
QGD
3.0
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V; ID = 30 A
49.4
nC
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
16.3
ns
Rise Time
tr
20
Turn−Off Delay Time
td(OFF)
27.5
Fall Time
tf
6.6
5. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTMFS4935N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4935N ONSEMI-NTMFS4935N Datasheet
119Kb / 7P
   Power MOSFET
May, 2012 ??Rev. 10
NTMFS4935NCT1G ONSEMI-NTMFS4935NCT1G Datasheet
119Kb / 7P
   Power MOSFET
May, 2012 ??Rev. 10
NTMFS4935NCT3G ONSEMI-NTMFS4935NCT3G Datasheet
119Kb / 7P
   Power MOSFET
May, 2012 ??Rev. 10
NTMFS4935NT1G ONSEMI-NTMFS4935NT1G Datasheet
119Kb / 7P
   Power MOSFET
May, 2012 ??Rev. 10
NTMFS4935NT3G ONSEMI-NTMFS4935NT3G Datasheet
119Kb / 7P
   Power MOSFET
May, 2012 ??Rev. 10
More results

Similar Description - NTMFS4935N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com