Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4754.6000 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4754.6000
Description  Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and space for extra component
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4754.6000 Datasheet(HTML) 2 Page - Schurter Inc.

  4754.6000 Datasheet HTML 1Page - Schurter Inc. 4754.6000 Datasheet HTML 2Page - Schurter Inc. 4754.6000 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Distribution Units
4754
www.schurter.com/pg07_
Connectors
Dimensions
Cut-out for 2 mm
Snap-in Inlet
Panel cut-out
122.1 x 32.5 mm
Max. corner radius 1 mm
Variants
Panel Thickness
s [mm]
Terminal
Length [mm]
Order Number
1
Quick connect terminals 6.3 x 0.8 mm
126
4754.3200
1.2
Quick connect terminals 6.3 x 0.8 mm
126
4754.8200
1.5
Quick connect terminals 6.3 x 0.8 mm
126
4754.4200
2
Quick connect terminals 6.3 x 0.8 mm
126
4754.5200
2.5
Quick connect terminals 6.3 x 0.8 mm
126
4754.6200
3
Quick connect terminals 6.3 x 0.8 mm
126
4754.7200
1
Solder terminals 4 x 0.8 mm
126
4754.3400
1.2
Solder terminals 4 x 0.8 mm
126
4754.8400
1.5
Solder terminals 4 x 0.8 mm
126
4754.4400
Distributor-Stock-Check|SCHURTER-Stock-Check|e-Store
2
Solder terminals 4 x 0.8 mm
126
4754.5400
2.5
Solder terminals 4 x 0.8 mm
126
4754.6400
3
Solder terminals 4 x 0.8 mm
126
4754.7400
1
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
126
4754.3000
1.2
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
126
4754.8000
1.5
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
126
4754.4000
2
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
126
4754.5000
2.5
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
126
4754.6000
3
Solder terminals 4 x 0.8 mm and quick connect terminals 6.3 x 0.8 mm
126
4754.7000
Pleasenote,allquadblocsareavailableinprotection-classIIuponrequest.
Cordretainingclampseeaccessories
Packaging unit
40Pcs


Similar Part No. - 4754.6000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4754.6000 SCHURTER-4754.6000 Datasheet
247Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and space for extra component
More results

Similar Description - 4754.6000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4754 SCHURTER-4754_20 Datasheet
247Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and space for extra component
4758 SCHURTER-4758 Datasheet
400Kb / 3P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and Space for 2 Extra Components
4752 SCHURTER-4752_21 Datasheet
308Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
4752 SCHURTER-4752_V01 Datasheet
308Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
05.01.2022
4752 SCHURTER-4752_18 Datasheet
293Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
4752 SCHURTER-4752 Datasheet
377Kb / 3P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
4758 SCHURTER-4758_V01 Datasheet
241Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and Space for 1 fused inlet
18.08.2020
0909_1807 SCHURTER-0909_1807 Datasheet
298Kb / 3P
   Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
0909 SCHURTER-0909_18 Datasheet
279Kb / 3P
   Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
0909 SCHURTER-0909 Datasheet
388Kb / 2P
   Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com