Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4941NT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4941NT3G
Description  Power MOSFET 30 V, 47 A, Single N?묬hannel, SO?? FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4941NT3G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4941NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4941NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4941NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4941NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4941NT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4941NT3G Datasheet HTML 6Page - ON Semiconductor NTMFS4941NT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
September, 2009 − Rev. 2
1
Publication Order Number:
NTMFS4941N/D
NTMFS4941N
Power MOSFET
30 V, 47 A, Single N−Channel, SO−8 FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
CPU Power Delivery
DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
15
A
TA = 100°C
9.4
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.56
W
Continuous Drain
Current RqJA
10 s (Note 1)
TA = 25°C
ID
25
A
TA = 100°C
16
Power Dissipation
RqJA ≤ 10 s
(Note 1)
TA = 25°C
PD
7.2
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
9.0
A
TA = 100°C
5.7
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.91
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
47
A
TC =100°C
30
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
25.5
W
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
140
A
Current Limited by Package
TA = 25°C
IDmax
100
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
23
A
Drain to Source DV/DT
dV/dt
7.5
V/ns
Single Pulse Drain−to−Source Avalanche
Energy TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL = 29 Apk, L = 0.1 mH, RG = 25 W
EAS
42
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
4941N
AYWWG
G
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
6.2 mW @ 10 V
47 A
9.0 mW @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4941NT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NTMFS4941NT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D


Similar Part No. - NTMFS4941NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4941NT3G ONSEMI-NTMFS4941NT3G Datasheet
118Kb / 7P
   Power MOSFET
June, 2012 ??Rev. 4
More results

Similar Description - NTMFS4941NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com