Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4758.6000 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 4758.6000
Description  Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and Space for 2 Extra Components
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4758.6000 Datasheet(HTML) 3 Page - Schurter Inc.

  4758.6000 Datasheet HTML 1Page - Schurter Inc. 4758.6000 Datasheet HTML 2Page - Schurter Inc. 4758.6000 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Distribution Units
4758
www.schurter.com/pg07_
Connectors
Required Accessory
Description
6200
IEC Appliance Inlet C14 with Fuseholder 1-pole
IP 40, 5 x 20, 1-pole
6200.4120
IP 40, 5 x 20, 1-pole
6200.4220
IP 40, 5 x 20, 1-pole
6200.4320
6220
IEC Appliance Inlet C14 with Fuseholder 2-pole
IP 40, 5 x 20, 2-pole
6220.5120
IP 40, 5 x 20, 2-pole
6220.5220
IP 40, 5 x 20, 2-pole
6220.5320
Accessories
Cord retaining kits
Cord retaining strain relief
Flat head, Z
0888.0021
Flat head, E
4700.0005
Flat head, G
4700.0007
Flat head, H
4700.0008
Mating Inlets/Plugs
Category / Description
Interconnection Cord Overview complete
Interconnection Cord with IEC Plug E, Angled
0607
Interconnection Cord with IEC Plug E, Angled
0608
Interconnection Cord with IEC Plug E, Straight
0609
Interconnection Cord with IEC Plug G, Angled
607B
Interconnection Cord with IEC Plug G, Angled
608B
Interconnection Cord further types to 4758
...
Plug Overview complete
IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm
4732
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4733
IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm
4735
IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm
4736
IEC Plug E, Cord Connector (Rewireable), Straight
9009
Plug further types to 4758
...
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 4758.6000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4758.6000 SCHURTER-4758.6000 Datasheet
241Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and Space for 1 fused inlet
18.08.2020
More results

Similar Description - 4758.6000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4754 SCHURTER-4754 Datasheet
380Kb / 3P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and space for extra component
4754 SCHURTER-4754_20 Datasheet
247Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and space for extra component
4752 SCHURTER-4752_21 Datasheet
308Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
4752 SCHURTER-4752_V01 Datasheet
308Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
05.01.2022
4752 SCHURTER-4752_18 Datasheet
293Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
4752 SCHURTER-4752 Datasheet
377Kb / 3P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F
4758 SCHURTER-4758_V01 Datasheet
241Kb / 4P
   Strip Block for Snap-in Mounting with 4 IEC Appliance Outlets F and Space for 1 fused inlet
18.08.2020
0909_1807 SCHURTER-0909_1807 Datasheet
298Kb / 3P
   Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
0909 SCHURTER-0909_18 Datasheet
279Kb / 3P
   Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
0909 SCHURTER-0909 Datasheet
388Kb / 2P
   Strip Block for Snap-in Mounting with up to 7 IEC Appliance Outlets F
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com