Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4943NT3G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTMFS4943NT3G
Description  Power MOSFET 30 V, 41 A, Single N?묬hannel, SO?? FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4943NT3G Datasheet(HTML) 6 Page - ON Semiconductor

  NTMFS4943NT3G Datasheet HTML 1Page - ON Semiconductor NTMFS4943NT3G Datasheet HTML 2Page - ON Semiconductor NTMFS4943NT3G Datasheet HTML 3Page - ON Semiconductor NTMFS4943NT3G Datasheet HTML 4Page - ON Semiconductor NTMFS4943NT3G Datasheet HTML 5Page - ON Semiconductor NTMFS4943NT3G Datasheet HTML 6Page - ON Semiconductor NTMFS4943NT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTMFS4943N
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 13. Thermal Response
PULSE TIME (sec)
0.01
0.001
0.0001
0.00001
0.000001
0.01
0.1
1
10
100
0.1
1
10
100
1000
10%
Duty Cycle = 50%
20%
5%
2%
1%
Single Pulse
Figure 14. GFS vs. ID
ID (A)
40
30
10
0
0
10
20
30
40
50
70
20
50
60
60
70
80


Similar Part No. - NTMFS4943NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4941N ONSEMI-NTMFS4941N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 47 A, Single N?묬hannel, SO?? FL
September, 2009 ??Rev. 2
NTMFS4941N ONSEMI-NTMFS4941N Datasheet
118Kb / 7P
   Power MOSFET
June, 2012 ??Rev. 4
NTMFS4941NT1G ONSEMI-NTMFS4941NT1G Datasheet
148Kb / 7P
   Power MOSFET 30 V, 47 A, Single N?묬hannel, SO?? FL
September, 2009 ??Rev. 2
NTMFS4941NT1G ONSEMI-NTMFS4941NT1G Datasheet
118Kb / 7P
   Power MOSFET
June, 2012 ??Rev. 4
NTMFS4941NT3G ONSEMI-NTMFS4941NT3G Datasheet
148Kb / 7P
   Power MOSFET 30 V, 47 A, Single N?묬hannel, SO?? FL
September, 2009 ??Rev. 2
More results

Similar Description - NTMFS4943NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4849N ONSEMI-NTMFS4849N_10 Datasheet
143Kb / 6P
   Power MOSFET 30 V, 71 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4852N ONSEMI-NTMFS4852N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 155 A, Single N?묬hannel, SO?? FL
July, 2009 ??Rev. P1
NTMFS4925N ONSEMI-NTMFS4925N Datasheet
114Kb / 6P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
October, 2010 ??Rev. 0
NTMFS4841N ONSEMI-NTMFS4841N Datasheet
151Kb / 7P
   Power MOSFET 30 V, 57 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 7
NTMFS4845N ONSEMI-NTMFS4845N Datasheet
143Kb / 6P
   Power MOSFET 30 V, 115 A, Single N?묬hannel, SO??FL
May, 2010 ??Rev. 2
NTMFS4937N ONSEMI-NTMFS4937N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 70 A, Single N?묬hannel, SO?? FL
August, 2009 ??Rev. 1
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com